Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 16Page - National Semiconductor (TI) LM94 Datasheet HTML 17Page - National Semiconductor (TI) LM94 Datasheet HTML 18Page - National Semiconductor (TI) LM94 Datasheet HTML 19Page - National Semiconductor (TI) LM94 Datasheet HTML 20Page - National Semiconductor (TI) LM94 Datasheet HTML 21Page - National Semiconductor (TI) LM94 Datasheet HTML 22Page - National Semiconductor (TI) LM94 Datasheet HTML 23Page - National Semiconductor (TI) LM94 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
17.0 Electrical Notes (Continued)
Symbol
Pin #
Circuit
All Input Circuits
AD_IN1
23
D
Circuit C
AD_IN2
24
D
AD_IN3
25
D
AD_IN4
26
E
AD_IN5
27
E
AD_IN6
28
E
AD_IN7
29
E
AD_IN8
30
E
AD_IN9
31
E
AD_IN10
32
E
AD_IN11
33
E
AD_IN12
34
E
Circuit D
AD_IN13
35
E
AD_IN14
36
E
AD_IN15
37
D
ADDR_SEL
38
A
AD_IN16/V
DD (V+)
39
B
GND
40
B (Internally
shorted to
AGND.)
PWM1
41
A
PWM2
42
A
P1_VID0
43
A
P1_VID1
44
A
P1_VID2
45
A
Circuit E
P1_VID3
46
A
P1_VID4
47
A
P1_VID5
48
A
P1_PROCHOT
49
A
P2_PROCHOT
50
A
P2_VID0
51
A
P2_VID1
52
A
P2_VID2
53
A
P2_VID3
54
A
P2_VID4
55
A
P2_VID5
56
A
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. Charged device model (CDM)
simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated assembler) then rapidly being discharged.
Note 5: Reflow temperature profiles are different for lead-free and non lead-free packages.
Note 6: The maximum power dissipation must be de-rated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD MAX=(TJMAX −TA)/ θJA. The θJAfor the LM94 when mounted to 1 oz. copper foil PCB the θJA with different
air flow is listed in the following table.
Air Flow
Junction to Ambient Thermal Resistance,
θ
JA
0 m/s
79 ˚C/W
1.14 m/s (225 LFPM)
62 ˚C/W
2.54 m/s (500 LFPM)
52 ˚C/W
Note 7: See the URL "http://www.national.com/packaging/" for other recommendations and methods of soldering surface mount devices.
Note 8: At the time of first pubication of this specification (Jan 2006), this specification applies to either Pentium or Xeon Processors on 90nm or 65nm process when
TruTherm is selected. When TruTherm is deselected this specification applies to an MMBT3904. This specification does include the error caused by the variability
of the diode ideality and series resistance parameters.
Note 9: Typical parameters are at TJ =TA = 25 ˚C and represent most likely parametric norm.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com