Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM94 Datasheet HTML 1Page - National Semiconductor (TI) LM94 Datasheet HTML 2Page - National Semiconductor (TI) LM94 Datasheet HTML 3Page - National Semiconductor (TI) LM94 Datasheet HTML 4Page - National Semiconductor (TI) LM94 Datasheet HTML 5Page - National Semiconductor (TI) LM94 Datasheet HTML 6Page - National Semiconductor (TI) LM94 Datasheet HTML 7Page - National Semiconductor (TI) LM94 Datasheet HTML 8Page - National Semiconductor (TI) LM94 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
9.0 Pin Descriptions
Symbol
Pin #
Type
Function
GPIO_0/TACH1
1
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O.
GPIO_1/TACH2
2
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O.
GPIO_2/TACH3
3
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O.
GPIO_3/TACH4
4
Digital I/O
(Open-Drain)
Can be configured as fan tach input or a general purpose
open-drain digital I/O..
GPIO_4 /
P1_THERMTRIP
5
Digital I/O
(Open-Drain)
A general purpose open-drain digital I/O. Can be configured to
monitor a CPU’s THERMTRIP signal to mask other errors. Supports
TTL input logic levels and AGTL compatible input logic levels.
GPIO_5 /
P2_THERMTRIP
6
Digital I/O
(Open-Drain)
A general purpose open-drain digital I/O. Can be configured to
monitor a CPU’s THERMTRIP signal to mask other errors. Supports
TTL input logic levels and AGTL compatible input logic levels.
GPIO_6
7
Digital I/O
(Open-Drain)
Can be used to detect the state of CPU1 IERR or a general purpose
open-drain digital I/O. Supports TTL input logic levels and AGTL
compatible input logic levels.
GPIO_7
8
Digital I/O
(Open-Drain)
Can be used to detect the state of CPU2 IERR or a general purpose
open-drain digital I/O. Supports TTL input logic levels and AGTL
compatible input logic levels.
VRD1_HOT
9
Digital Input
CPU1 voltage regulator HOT. Supports TTL input logic levels and
AGTL compatible input logic levels.
VRD2_HOT
10
Digital Input
CPU2 voltage regulator HOT. Supports TTL input logic levels and
AGTL compatible input logic levels.
P2_VID6/GPI8
11
Digital Input
CPU2 VID6 input. Could also be used as a general purpose input to
trigger an error event. Supports TTL input logic levels and AGTL
compatible input logic levels.
P1_VID6/GPI9
12
Digital Input
CPU1 VID6 input. Could also be used as a general purpose input to
trigger an error event. Supports TTL input logic levels and AGTL
compatible input logic levels.
SMBDAT
13
Digital I/O
(Open-Drain)
Bidirectional System Management Bus Data. Output configured as
5V tolerant open-drain. SMBus 2.0 compliant.
SMBCLK
14
Digital Input
System Management Bus Clock. Driven by an open-drain output,
and is 5V tolerant. SMBus 2.0 Compliant.
ALERT/XtestOut
15
Digital Output
(Open-Drain)
Open-drain ALERT output used in an interrupt driven system to
signal that an error event has occurred. Masked error events do not
activate the ALERT output. When in XOR tree test mode, functions
as XOR Tree output.
RESET
16
Digital I/O
(Open-Drain)
Open-drain reset output when power is first applied to the LM94.
Used as a reset for devices powered by 3.3V stand-by. After reset,
this pin becomes a reset input. If this pin is not used, connection to
an external resistive pull-up is required to prevent LM94 malfunction.
AGND
17
GROUND Input
Analog Ground. Digital ground and analog ground need to be tied
together at the chip then both taken to a low noise system ground.
A voltage difference between analog and digital ground may cause
erroneous results.
V
REF
18
Analog Output
2.5V used for external ADC reference, or as a V
REF reference
voltage
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com