Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3232 Datasheet(PDF) 91 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 87Page - Silicon Laboratories SI3232 Datasheet HTML 88Page - Silicon Laboratories SI3232 Datasheet HTML 89Page - Silicon Laboratories SI3232 Datasheet HTML 90Page - Silicon Laboratories SI3232 Datasheet HTML 91Page - Silicon Laboratories SI3232 Datasheet HTML 92Page - Silicon Laboratories SI3232 Datasheet HTML 93Page - Silicon Laboratories SI3232 Datasheet HTML 94Page - Silicon Laboratories SI3232 Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
Si3232
Preliminary Rev. 0.96
91
26
LCRMASK
Loop Closure Mask Interval
Coeff
LCRMASK[15:0]2
Init
0040
80
ms
166
LCRMSKPR
LCR Mask During Polarity
Reversal
LCRMSKPR[15:0]
Init
0040
80
ms
22
LCROFFHK
Off-Hook Detect Threshold
LCROFFHK[15:0]2
Init
0C0C
10
mA
23
LCRONHK
On-Hook Detect Threshold
LCRONHK[15:0]2
Init
0DE0
11
mA
Longitudinal Current Detection
29
LONGDBI
Ground Key Detection
Debounce Interval
LONGDBI[15:0]2
Init
ms
27
LONGHITH
Ground Key Detection
Threshold
LONGHITH[15:0]2
Init
08D4
7
mA
28
LONGLOTH
Ground Key Removal
Detection Threshold
LONGLOTH[15:0]2
Init
0A17
8
mA
30
LONGLPF
Ground Key Filter Coeff
LONGLPF[15:3]
Init
0A08
10
Power Filter Coefficients
40
PLPF12
Q1/Q2 Thermal Low-pass
Filter Coeff
PLPF12[15:3]
Init
0008
.3
s
41
PLPF34
Q3/Q4 Thermal Low-pass
Filter Coeff
PLPF34[15:3]
Init
0008
.3
s
42
PLPF56
Q5/Q6 Thermal Low-pass
Filter Coeff
PLPF56[15:3]
Init
0008
.3
s
Pulse Metering
68
PMAMPL
Pulse Metering Amplitude
PMAMPL[15:0]
Init
4000
65536
V
70
PMAMPTH
Pulse Metering AGC
Amplitude Threshold
PMAMPTH[15:0]
Init
00C8
798
V
67
PMFREQ
Pulse Metering
Frequency
PMFREQ[15:3]
Init
0000
0
Hz
69
PMRAMP
Pulse Metering Ramp Rate
PMRAMP[15:0]
Init
008A
550
s
Power Calculations
44
PQ1DH
Q1 Calculated Power
PQ1DH[15:0]
Diag
W
45
PQ2DH
Q2 Calculated Power
PQ2DH[15:0]
Diag
W
46
PQ3DH
Q3 Calculated Power
PQ3DH[15:0]
Diag
W
47
PQ4DH
Q4 Calculated Power
PQ4DH[15:0]
Diag
W
48
PQ5DH
Q5 Calculated Power
PQ5DH[15:0]
Diag
W
49
PQ6DH
Q6 Calculated Power
PQ6DH[15:0]
Diag
W
50
PSUM
Total Calculated Power
PSUM[15:0]
Diag
W
37
PTH12
Q1/Q2 Power Threshold
PTH12[15:0]2
Init
0007
.22
W
38
PTH34
Q3/Q4 Power Threshold
PTH34[15:0]2
Init
003C
17
W
39
PTH56
Q5/Q6 Power Threshold
PTH56[15:0]2
Init
002A
1.28
W
43
RB56
Q5/Q6 Base Resistor
RB56[15:0]
Init
Ω
Ringing
59
RINGAMP
Ringing Amplitude
RINGAMP[15:0]
Init
00D5
47
Vrms
RAM
Addr
Mnemonic
Description
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Type
Ex.
Hex
Ex.
Dec
Unit
Notes:
1.
RAM values are 2’s complement unless otherwise noted. Any register not listed is reserved and must not be written.
2.
Only positive input values are valid for these RAM addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com