Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3232 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 9Page - Silicon Laboratories SI3232 Datasheet HTML 10Page - Silicon Laboratories SI3232 Datasheet HTML 11Page - Silicon Laboratories SI3232 Datasheet HTML 12Page - Silicon Laboratories SI3232 Datasheet HTML 13Page - Silicon Laboratories SI3232 Datasheet HTML 14Page - Silicon Laboratories SI3232 Datasheet HTML 15Page - Silicon Laboratories SI3232 Datasheet HTML 16Page - Silicon Laboratories SI3232 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Si3232
Preliminary Rev. 0.96
13
Figure 1. SPI Timing Diagram
Table 10. Switching Characteristics—SPI
(VDD, VDD1–VDD4 = 3.13 to 3.47 V, TA = 0 to 70 °C for K-Grade, –40 to 85 °C for B-Grade, CL = 20 pF)
Parameter
Symbol
Test
Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
0.062
—
—
µs
Rise Time, SCLK
tr
—
—
25
ns
Fall Time, SCLK
tf
—
—
25
ns
Delay Time, SCLK Fall to SDO
Transition
td2
—
—
20
ns
Delay Time, CS Rise to SDO Tristate
td3
—
—
20
ns
Setup Time, CS to SCLK Rise
tsu1
15
—
—
ns
Hold Time, SCLK Rise to CS Rise
th1
20
—
—
ns
Setup Time, SDI to SCLK Rise
tsu2
25
—
—
ns
Hold Time, SCLK Rise to SDI Rise
th2
20
—
—
ns
SDI to SDITHRU Propagation Delay
—
6
—
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH – VDD –0.4 V, VIL = 0.4 V
SCLK
CS
SDI
t
h1
t
d3
SDO
t
d2
t
su1
t
r
t
r
t
c
t
su2
t
h2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com