Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3232 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 35Page - Silicon Laboratories SI3232 Datasheet HTML 36Page - Silicon Laboratories SI3232 Datasheet HTML 37Page - Silicon Laboratories SI3232 Datasheet HTML 38Page - Silicon Laboratories SI3232 Datasheet HTML 39Page - Silicon Laboratories SI3232 Datasheet HTML 40Page - Silicon Laboratories SI3232 Datasheet HTML 41Page - Silicon Laboratories SI3232 Datasheet HTML 42Page - Silicon Laboratories SI3232 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Si3232
Preliminary Rev. 0.96
39
In addition to the variable frequency and amplitude,
there is a selectable dc offset (VOFF) that can be added
to the waveform. The dc offset is defined in the RINGOF
RAM location. The ringing generator has two timers
which allow on/off cadence settings up to 8 s on/8 s off.
In addition to controlling ringing cadence, these timers
control the transition into and out of the ringing state.
To initiate ringing, the user must program the
RINGFREQ,
RINGAMP,
and
RINGPHAS
RAM
addresses as well as the RINGTA, and RINGTI
registers, and select the ringing waveshape and dc
offset. Once this is done, the TAEN and TIEN bits are
set as desired. Ringing state is invoked by a write to the
linefeed register. At the expiration of RINGTA, the
Si3232 turns off the ringing waveform and goes to the
on-hook transmission state. At the expiration of RINGTI,
ringing is initiated again. This process continues as long
as the two timers are enabled and the linefeed register
remains in the ringing state.
4.6.2. Internal Trapezoidal Ringing
In addition to the traditional sinusoidal ringing
waveform, the Si3232 can generate a trapezoidal
ringing waveform similar to the one illustrated in
Figure 19.
The
RINGFREQ,
RINGAMP,
and
RINGPHAS RAM locations are used for programming
the ringing wave shape as follows:
RINGPHAS = 4 x Period x 8000
RINGAMP = (Desired V/160.8 V) x (215)
RINGFREQ = (2 x RINGAMP) / (tRISE x 8000)
RINGFREQ is a value that is added or subtracted from
the waveform to ramp the signal up or down in a linear
fashion. This value is a function of rise time, period, and
amplitude, where rise time and period are related
through the following equation for the crest factor of a
trapezoidal waveform.
where
So, for a 90 VPK, 20 Hz trapezoidal waveform with a
crest factor of 1.3, the period is 0.05 s, and the rise time
requirement is 0.015 s.
RINGPHAS = 4 x 0.05 x 8000 = 1600 (0x0640)
RINGAMP = 90/160.8 x (215) = 18340 (0x47A5)
RINGFREQ = (2 x RINGAMP) (0.0153 x 8000) =
300 (0x012C)
The time registers and interrupts described in the
sinusoidal ring description also apply to the trapezoidal
ring waveform.
4.7. Internal Unbalanced Ringing
The Si3232 also provides the ability to generate a
traditional battery-backed unbalanced ringing waveform
for ringing terminating devices that require a high dc
content or for use in ground-start systems that cannot
tolerate a ringing waveform on both the TIP and RING
leads. The unbalanced ringing scheme applies the
ringing signal to the RING lead; the TIP lead remains at
the programmed VCM voltage that is very close to
ground. A programmable dc offset can be preset to
provide dc current for ring trip detection. Figure 18
illustrates the internal unbalanced ringing waveform.
Figure 18. Internal Unbalanced Ringing
To enable unbalanced ringing, set the RINGUNB bit of
the RINGCON register. As is the case with internal
balanced ringing, the unbalanced ringing waveform is
generated by using the on-chip ringing tone generator.
The tone generator used to generate ringing tones is a
two-pole resonator with programmable frequency and
amplitude. Since ringing frequencies are low compared
to the audio band signaling frequencies, the ringing
waveform is generated at a 1 kHz rate.
The ringing generator is programmed via the RINGAMP,
RINGFREQ, and RINGPHAS registers. The RINGOF
register is used to set the dc offset position around
RINGAMP
1
4
--- .00789
1.99211
---------------------
2
15
()
×
85
160.173
---------------------
×
273
0x111
=
=
=
tRISE
3
4
---T1
1
CF
2
-----------
–
⎝⎠
⎛⎞
=
TPeriod
1
fRING
--------------
CF
desired crest factor
=
==
RING
TIP
VRING
Si3232
DC Offset
GND
VTIP
VRING
VBATR
-80V
VOVRING
V
CM
DC Offset
VOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com