Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD6000 Datasheet(PDF) 13 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 13 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. TCD6000 Datasheet HTML 10Page - Tripath Technology Inc. TCD6000 Datasheet HTML 11Page - Tripath Technology Inc. TCD6000 Datasheet HTML 12Page - Tripath Technology Inc. TCD6000 Datasheet HTML 13Page - Tripath Technology Inc. TCD6000 Datasheet HTML 14Page - Tripath Technology Inc. TCD6000 Datasheet HTML 15Page - Tripath Technology Inc. TCD6000 Datasheet HTML 16Page - Tripath Technology Inc. TCD6000 Datasheet HTML 17Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
13
TCD6000 – Rev. 1.0/09.04
Control Registers
This section describes the user-programmable registers controlling many features of the TCD6000. They are
programmed using the I
2C interface.
Control bits shown in gray are for Tripath use only and should be set to the values shown. All registers not
shown are reserved and should not be changed.
Control Register Mapping
Sub-Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00h
Mute Status
0
0
0
MUS
SMU
FMU
HMU
AMU
01h
Volume Status
0
0
VZ6
VZ5
VZ4
VZ3
VZ2
VZ1
02h
Calibration Readback
CR19
CR18
CR17
CR16
CR15
CR14
CR13
CR12
03h
Calibration Readback
CR29
CR28
CR27
CR26
CR25
CR24
CR23
CR22
04h
Calibration Readback
CR39
CR38
CR37
CR36
CR35
CR34
CR33
CR32
05h
Calibration Readback
0
0
CR31
CR30
CR21
CR20
CR11
CR10
06h
Calibration Readback
CR49
CR48
CR47
CR46
CR45
CR44
CR43
CR42
07h
Calibration Readback
CR59
CR58
CR57
CR56
CR55
CR54
CR53
CR52
08h
Calibration Readback
CR69
CR68
CR67
CR66
CR65
CR64
CR63
CR62
09h
Calibration Readback
0
0
CR61
CR60
CR51
CR50
CR41
CR40
20h
Freeze Control
0
0
0
0
0
0
0
CHG
21h
Filter Bypass Control
DCB
DEB
DRB
0
0
0
0
0
22h
Sampling Rate Control
0
0
0
1Xf
1Xs
0
S4X
S2X
23h
Operation Control
0
1
0
0
HFR
0
R1
R0
24h
Digital Input Format
0
DP
BCK
CCK
I2S
DA
DW1
DW0
25h
Channel 1 Volume
V17
V16
V15
V14
V13
V12
V11
V10
26h
Channel 2 Volume
V27
V26
V25
V24
V23
V22
V21
V20
27h
Channel 3 Volume
V37
V36
V35
V34
V33
V32
V31
V30
28h
Channel 4 Volume
V47
V46
V45
V44
V43
V42
V41
V40
29h
Channel 5 Volume
V57
V56
V55
V54
V53
V52
V51
V50
2Ah
Channel 6 Volume
V67
V66
V65
V64
V63
V62
V61
V60
2Bh
Volume Ramp Rate
RR7
RR6
RR5
RR4
RR3
RR2
RR1
RR0
2Ch
Channel Mute Control
M6
M5
M4
M3
M2
M1
HM
AM
2Dh
Auto-Mute Timing
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
2Eh
Volume Change Control
0
0
0
0
VR1
VR0
VRE
ZCE
2Fh
DC Calibration Control
0
CAB
CF6
CF5
CF4
CF3
CF2
CF1
30h
Calibration Bank
CB19
CB18
CB17
CB16
CB15
CB14
CB13
CB12
31h
Calibration Bank
CB29
CB28
CB27
CB26
CB25
CB24
CB23
CB22
32h
Calibration Bank
CB39
CB38
CB37
CB36
CB35
CB34
CB33
CB32
33h
Calibration Bank
0
0
CB31
CB30
CB21
CB20
CB11
CB10
34h
Calibration Bank
CB49
CB48
CB47
CB46
CB45
CB44
CB43
CB42
35h
Calibration Bank
CB59
CB58
CB57
CB56
CB55
CB54
CB53
CB52
36h
Calibration Bank
CB69
CB68
CB67
CB66
CB65
CB64
CB63
CB62
37h
Calibration Bank
0
0
CB61
CB60
CB51
CB50
CB41
CB40
38h
Force DC
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
39h
Dither Control
DT7
DT6
DT5
DT4
DT3
DT2
DT1
DT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com