Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD6000 Datasheet(PDF) 21 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 21 Page - Tripath Technology Inc.

Back Button TCD6000 Datasheet HTML 17Page - Tripath Technology Inc. TCD6000 Datasheet HTML 18Page - Tripath Technology Inc. TCD6000 Datasheet HTML 19Page - Tripath Technology Inc. TCD6000 Datasheet HTML 20Page - Tripath Technology Inc. TCD6000 Datasheet HTML 21Page - Tripath Technology Inc. TCD6000 Datasheet HTML 22Page - Tripath Technology Inc. TCD6000 Datasheet HTML 23Page - Tripath Technology Inc. TCD6000 Datasheet HTML 24Page - Tripath Technology Inc. TCD6000 Datasheet HTML 25Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
21
TCD6000 – Rev. 1.0/09.04
Channel Volume
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
25h
Channel 1 Volume
V17
V16
V15
V14
V13
V12
V11
V10
26h
Channel 2 Volume
V27
V26
V25
V24
V23
V22
V21
V20
27h
Channel 3 Volume
V37
V36
V35
V34
V33
V32
V31
V30
28h
Channel 4 Volume
V47
V46
V45
V44
V43
V42
V41
V40
29h
Channel 5 Volume
V57
V56
V55
V54
V53
V52
V51
V50
2Ah
Channel 6 Volume
V67
V66
V65
V64
V63
V62
V61
V60
Default
0
0
0
0
0
0
0
0
The TCD6000 has 6 channel volume registers, one for each channel. The 8-bit value in each register
represents the volume loudness for the corresponding channel. The least significant bit, D0, represents a
volume increment of 0.5dB. Therefore the total range available is 128dB. Maximum volume is achieved
when the volume register contains a value of FFh, and no sound is heard if its value is 00h.
In addition, a “coarse gain” adjustment (1X, 2X, 4X, and 8X) is made possible by programming the Volume
Change Control Register.
Volume Ramp Rate
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
2Bh
Volume Ramp Rate
RR7
RR6
RR5
RR4
RR3
RR2
RR1
RR0
Default
1
0
0
0
0
0
0
0
The TCD6000 can be programmed to have volume changes take effect immediately or be ramped at a
predefined rate for all channels. If the Volume Ramp Enable bit is set, the Volume Ramp Rate Register
defines the ramp rate.
Although the Volume Control Registers define the channel volume within an accuracy of ½ dB, volume will
be ramped internally in 1/8 dB steps when ramping is enabled.
The number entered into the Volume Ramp Rate Register can be from 0 (00h) to 255 (FFh). If the number
entered is N, the time delay between two consecutive 1/8 dB volume increments is equal to:
N x (4 periods of LRCK)
As an example, if N = 100 and data samples are coming in at a 44.1kHz rate, the period of LRCK is
22.67usec. The delay between two consecutive 1/8 dB volume increments is:
100 x 4 x 22.67usec = 9068usec
Therefore if the volume change is 60 dB (480 increments of 1/8 dB), the total ramp time will be:
480 x 9068usec = 4.32 second
Channel Mute Control
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
2Ch
Channel Mute Control
M6
M5
M4
M3
M2
M1
HM
AM
Default
0
0
0
0
0
0
1
0
The TCD6000 has 3 different Mute functions: Soft-Mute, Hard-Mute, and Auto-Mute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com