Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD6000 Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # TCD6000
Description  6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCD6000 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TCD6000 Datasheet HTML 1Page - Tripath Technology Inc. TCD6000 Datasheet HTML 2Page - Tripath Technology Inc. TCD6000 Datasheet HTML 3Page - Tripath Technology Inc. TCD6000 Datasheet HTML 4Page - Tripath Technology Inc. TCD6000 Datasheet HTML 5Page - Tripath Technology Inc. TCD6000 Datasheet HTML 6Page - Tripath Technology Inc. TCD6000 Datasheet HTML 7Page - Tripath Technology Inc. TCD6000 Datasheet HTML 8Page - Tripath Technology Inc. TCD6000 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Tripath Technology, Inc. – Preliminary Technical Information
3
TCD6000 – Rev. 1.0/09.04
Digital Characteristics
TA = 25 °C. Unless otherwise noted, the MCK frequency is 12.288. See Application/Test Circuit on page 8.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH33
High-Level Input Voltage
VD33 = 3.3V
2.1
V
VIL33
Low-Level Input Voltage
VD33 = 3.3V
0.8
V
FAULTIH5 FAULT High-Level Input Voltage
VA50 = 5.0V
3.5
V
FAULTIL5 FAULT Low-Level Input Voltage
VA50 = 5.0V
0.8
V
FAULTOFF FAULT Off Input Voltage
VA50 = 5.0V
2
3
V
VOH33
High-Level Output Voltage
VD33 = 3.0V, IOL = -50uA
2.9
V
VD33 = 3.0V, IOL = -4mA
2.48
V
VOH5
High-Level Output Voltage
VA50 = 4.5V, IOL = -50uA
4.4
V
VA50 = 4.5V, IOL = -8mA
3.8
V
VOL33
Low-Level Output Voltage
VD33 = 3.0V, IOL = 50uA
0.1
V
VD33 = 3.0V, IOL = 4mA
0.44
V
VOL5
Low-Level Output Voltage
VA50 = 4.5V, IOL = 50uA
0.1
V
VA50 = 4.5V, IOL = 8mA
0.44
V
Performance Characteristics
TA = 25 °C. Unless otherwise noted, the power stage used for testing is the TP2150B, the supply voltage is
VPP=|VNN|=28V, RL = 4Ω, PGC = 1, post-gain = high, the MCK frequency is 12.288 MHz, fs = 48kHz, the
input frequency is 1kHz, and the measurement bandwidth is 20kHz. See Application/Test Circuit on page 8.
SYMBOL
PARAMETER
CONDITIONS
MIN TYP MAX UNITS
POUT
Output Power
(continuous RMS/Channel)
THD+N = 0.1%
THD+N = 1.0%
THD+N = 10%
60
75
105
W
W
W
THD + N
Total Harmonic Distortion Plus Noise POUT = 20W/Channel
0.03
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF),
POUT = 10W/Channel
-80
dB
SNR
Signal-to-Noise Ratio
PGC = 1, post-gain = high,
A Weighted,
POUT = 100W/Channel
98
dB
CS
Channel Separation
0dBr = 10W
84
dB
η
Power Efficiency
Pout = 100W/Channel
87
%
AVERROR
Channel to Channel Gain Error
POUT = 10W/Channel
0.2
dB
eNOUT
Output Noise Voltage
(A-Weighted)
PGC = 1, post-gain = high
PGC = 1/8, post-gain = high
PGC = 1/8, post-gain = low
260
150
130
µV
µV
µV
VOFFSET
Output Offset Voltage
After automatic DC calibration
-95
±40
+95
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com