Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952623 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS952623
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952623 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS952623 Datasheet HTML 16Page - Integrated Circuit Systems ICS952623 Datasheet HTML 17Page - Integrated Circuit Systems ICS952623 Datasheet HTML 18Page - Integrated Circuit Systems ICS952623 Datasheet HTML 19Page - Integrated Circuit Systems ICS952623 Datasheet HTML 20Page - Integrated Circuit Systems ICS952623 Datasheet HTML 21Page - Integrated Circuit Systems ICS952623 Datasheet HTML 22Page - Integrated Circuit Systems ICS952623 Datasheet HTML 23Page - Integrated Circuit Systems ICS952623 Datasheet HTML 24Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
Integrated
Circuit
Systems, Inc.
ICS952623
Advance Information
0758—02/08/05
To minimize power consumption, CPU[2:0] clock outputs are individually configurable through SMBus to be driven or
tristated during PwrDwn# and CPU_Stop# mode and the SRC clock is configurable to be driven or tristated during
PCI_Stop# and PwrDwn# mode. Each differential clock (SRC, CPU[2:0]) output can be disabled by setting the
corresponding output's register OE bit to "0" (disable). Disabled outputs are to be tristated regardless of "CPU_Stop",
"SRC_Stop" and "PwrDwn" register bit settings.
l
a
n
g
i
S#
D
P
n
i
Pn
i
P
#
p
o
t
S
_
U
P
C
p
o
t
S
_
U
P
C
t
i
B
e
t
a
t
s
i
r
T
n
w
d
r
w
P
t
i
B
e
t
a
t
s
i
r
T
e
l
b
a
p
p
o
t
S
-
n
o
N
s
t
u
p
t
u
O
e
l
b
a
p
p
o
t
S
s
t
u
p
t
u
O
}
0
:
2
[
U
P
C1
1
X
X
g
n
i
n
n
u
Rg
n
i
n
n
u
R
}
0
:
2
[
U
P
C1
0
0
Xg
n
i
n
n
u
R6
x
f
e
r
I
@
n
e
v
i
r
D
}
0
:
2
[
U
P
C1
0
1
X
g
n
i
n
n
u
Re
t
a
t
s
i
r
T
}
0
:
2
[
U
P
C0
X
X
0
2
x
f
e
r
I
@
n
e
v
i
r
D2
x
f
e
r
I
@
n
e
v
i
r
D
}
0
:
2
[
U
P
C0
X
X
1
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
Notes:
1. Each output has four corresponding control register bits, OE, PwrDwn, CPU_Stop and "Free Running"
2. Iref x 6 and Iref x 2 is the output current in the corresponding mode
3. See Control Registers section for bit address
l
a
n
g
i
S#
D
P
n
i
Pn
i
P
#
p
o
t
S
_
I
C
P
p
o
t
S
_
I
C
P
t
i
B
e
t
a
t
s
i
r
T
n
w
d
r
w
P
t
i
B
e
t
a
t
s
i
r
T
e
l
b
a
p
p
o
t
S
-
n
o
N
t
u
p
t
u
O
e
l
b
a
p
p
o
t
S
t
u
p
t
u
O
C
R
S1
1
X
X
g
n
i
n
n
u
Rg
n
i
n
n
u
R
C
R
S1
0
0
Xg
n
i
n
n
u
R6
x
f
e
r
I
@
n
e
v
i
r
D
C
R
S1
0
1
X
g
n
i
n
n
u
Re
t
a
t
s
i
r
T
C
R
S0
X
X
0
2
x
f
e
r
I
@
n
e
v
i
r
D2
x
f
e
r
I
@
n
e
v
i
r
D
C
R
S0
X
X
1
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
Notes:
1. SRC output has four corresponding control register bits, OE, PwrDwn, SRC_Stop and "Free Running"
2. Iref x 6 and Iref x 2 is the output current in the corresponding mode
3. See Control Registers section for bit address
Differential Clock Tristate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com