Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952623 Datasheet(PDF) 23 Page - Integrated Circuit Systems

Part # ICS952623
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952623 Datasheet(HTML) 23 Page - Integrated Circuit Systems

Back Button ICS952623 Datasheet HTML 19Page - Integrated Circuit Systems ICS952623 Datasheet HTML 20Page - Integrated Circuit Systems ICS952623 Datasheet HTML 21Page - Integrated Circuit Systems ICS952623 Datasheet HTML 22Page - Integrated Circuit Systems ICS952623 Datasheet HTML 23Page - Integrated Circuit Systems ICS952623 Datasheet HTML 24Page - Integrated Circuit Systems ICS952623 Datasheet HTML 25Page - Integrated Circuit Systems ICS952623 Datasheet HTML 26Page - Integrated Circuit Systems ICS952623 Datasheet HTML 27Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
Integrated
Circuit
Systems, Inc.
ICS952623
Advance Information
0758—02/08/05
The following diagrams illustrate SRC clock timing during PCI_Stop# and PwrDwn# modes with SRC_Pwrdwn and
SRC_Stop tristate control bits set to driven or tristate in byte 2 of the control register.
SRC_Stop = Driven, SRC_Pwrdwn = Driven
PCI_Stop#
1.8mS
PWRDWN#
PCI (Free Running)
CPU (Free Running)
CPU# (Free Running)
SRC (Stoppable)
SRC# (Stoppable)
1 PCI
clock max
Notes:
1. When both bits (SRC_Stop & SRC_Pwrdown tristate bits) are set to driven, the clock chip will never tristate the SRC output
clock (assuming clock's OE bit is set to "1")
SRC Clock Tristate Timing
SRC_Stop = Tristate, Pwrdwn = Tristate
PCI_Stop#
1.8mS
PWRDWN#
PCI (Free Running)
CPU (Free Running)
CPU# (Free Running)
SRC (Stoppable)
SRC# (Stoppable)
1 PCI
clock max
Notes:
1. When SRC_Stop and SRC_Pwrdwn bits are set to tristate, the clock chip will tristate outputs during the assertion of
PCI_Stop# and PWRDWN#.
2. Tristate outputs are pulled low by output termination resistors as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com