Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952623 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS952623
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952623 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS952623 Datasheet HTML 4Page - Integrated Circuit Systems ICS952623 Datasheet HTML 5Page - Integrated Circuit Systems ICS952623 Datasheet HTML 6Page - Integrated Circuit Systems ICS952623 Datasheet HTML 7Page - Integrated Circuit Systems ICS952623 Datasheet HTML 8Page - Integrated Circuit Systems ICS952623 Datasheet HTML 9Page - Integrated Circuit Systems ICS952623 Datasheet HTML 10Page - Integrated Circuit Systems ICS952623 Datasheet HTML 11Page - Integrated Circuit Systems ICS952623 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS952623
Advance Information
0758—02/08/05
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max
values
-200
200
ppm
1,2
Clock period
Tperiod
48MHz output nominal
20.8257
20.8340
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
V OH @ MIN = 1.0 V
-33
mA
VOH @ MAX = 3.135 V
-33
mA
VOL @ MIN = 1.95 V
30
mA
VOL @ MAX = 0.4 V
38
mA
Edge Rate
Rising edge rate
2
4
V/ns
1
Edge Rate
Falling edge rate
2
4
V/ns
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1
ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Long Term Jitter
125us period jitter
(8kHz frequency
modulation amplitude)
2ns
1
1Guaranteed by design, not 100% tested in production.
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 5-10 pF (unless otherwise specified)
Electrical Characteristics - 48MHz DOT Clock
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that Ref
output is at 14.31818MHz
Output High Current
IOH
Output Low Current
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com