Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K94A Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
HT82K94E/HT82K94A
Rev. 1.00
12
November 22, 2005
If the device operates in a noisy environment, using the
on-chip 32kHz RC oscillator (WDT OSC) is strongly rec-
ommended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit ²TO². But in the
HALT mode, the overflow will initialize a
²warm reset²
and only the Program Counter and SP are reset to zero.
To clear the contents of the WDT (including the WDT
prescaler), three methods are employed; external reset
(a low level to RES), software instruction and a
²HALT²
instruction. The software instruction include
²CLR
WDT
² and the other set -²CLR WDT1² and ²CLR
WDT2
². Of these two types of instruction, only one can
be active depending on the ROM code option
-²CLR
WDT times selection option
². If the ²CLR WDT² is se-
lected (i.e. CLRWDT times equal one), any execution of
the
²CLR WDT² instruction will clear the WDT. In the
case wherein
²CLR WDT1² and ²CLR WDT2² are cho-
sen (i.e. CLRWDT times is equal to two), these two in-
structions must be executed to clear the WDT,
otherwise, the WDT may reset the chip as a result of
time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following:
· The system oscillator will be turned off but the WDT
oscillator remains running (if the WDT oscillator is se-
lected).
· The contents of the on-chip RAM and registers remain
unchanged.
· WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt except external interrupt
PA4/EXT, an external falling edge signal on I/O ports or
a WDT overflow. An external reset causes a device ini-
tialization and the WDT overflow performs a
²warm re-
set
². After the TO and PDF flags are examined, the
cause for chip reset can be determined. The PDF flag is
cleared by a system power-up or executing the
²CLR
WDT
² instruction and is set when executing the ²HALT²
instruction. The TO flag is set if the WDT time-out oc-
curs, and causes a wake-up that only resets the Pro-
gram Counter and SP, the others remain in their original
status.
The I/O ports wake-up and interrupt methods can be
considered as a continuation of normal execution. Each
bit in the Port A can be independently selected to
wake-up the device by option. PB, PC and PD can also
be selected to wake-up the device by option. Upon
awakening from an I/O port stimulus, the program will
resume execution of the next instruction. If it awakens
from an interrupt, two sequence may occur. If the related
interrupt is disabled or the interrupt is enabled but the
stack is full, the program will resume execution at the
next instruction. If the interrupt is enabled and the stack
is not full, the regular interrupt response takes place. If
an interrupt request flag is set to
²1² before entering the
HALT mode, the wake-up function of the related inter-
rupt will be disabled. Once a wake-up event occurs, it
takes 1024 tSYS (system clock period) to resume normal
operation. In other words, a dummy period will be in-
serted after a wake-up. If the wake-up results from an in-
terrupt acknowledge signal, the actual interrupt
subroutine execution will be delayed by one or more cy-
cles. If the wake-up results in the next instruction execu-
tion, this will be executed immediately after the dummy
period is completed.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that resets only the Program Counter and SP, leav-
ing the other circuits in their original state. Some regis-
ters remain unchanged during other reset conditions.
Most registers are reset to the
²initial condition² when
the reset conditions are met. By examining the PDF and
TO flags, the program can distinguish between different
²chip resets².
TO PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² stands for ²unchanged²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com