Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K94A Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 30Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 31Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
CLR [m].i
Clear bit of data memory
Description
The bit i of the specified data memory is cleared to 0.
Operation
[m].i
¬ 0
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
CLR WDT
Clear Watchdog Timer
Description
The WDT is cleared (clears the WDT). The power down bit (PDF) and time-out bit (TO) are
cleared.
Operation
WDT
¬ 00H
PDF and TO
¬ 0
Affected flag(s)
TO
PDF
OV
Z
AC
C
00
¾¾¾¾
CLR WDT1
Preclear Watchdog Timer
Description
Together with CLR WDT2, clears the WDT. PDF and TO are also cleared. Only execution
of this instruction without the other preclear instruction just sets the indicated flag which im-
plies this instruction has been executed and the TO and PDF flags remain unchanged.
Operation
WDT
¬ 00H*
PDF and TO
¬ 0*
Affected flag(s)
TO
PDF
OV
Z
AC
C
0*
0*
¾¾¾¾
CLR WDT2
Preclear Watchdog Timer
Description
Together with CLR WDT1, clears the WDT. PDF and TO are also cleared. Only execution
of this instruction without the other preclear instruction, sets the indicated flag which im-
plies this instruction has been executed and the TO and PDF flags remain unchanged.
Operation
WDT
¬ 00H*
PDF and TO
¬ 0*
Affected flag(s)
TO
PDF
OV
Z
AC
C
0*
0*
¾¾¾¾
CPL [m]
Complement data memory
Description
Each bit of the specified data memory is logically complemented (1
¢s complement). Bits
which previously contained a 1 are changed to 0 and vice-versa.
Operation
[m]
¬ [m]
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
¾Ö¾
¾
HT82K94E/HT82K94A
Rev. 1.00
29
November 22, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com