| Electronic Components Datasheet Search |
|
HT82K94A Datasheet(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K94A Datasheet(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 44 page ![]() HT82K94E/HT82K94A Rev. 1.00 16 November 22, 2005 (TMR0/TMR1) pin. The timer mode functions as a nor- mal timer with the clock source coming from the fSYS/4 (Timer0/Timer1). The pulse width measurement mode can be used to count the high or low level duration of the external signal (TMR0/TMR1). The counting is based on the fSYS/4 (Timer0/Timer1). In the event count or timer mode, once the Timer/Event Counter 0/1 starts counting, it will count from the current contents in the Timer/Event Counter 0/1 to FFH or FFFFH. Once overflow occurs, the counter is reloaded from the Timer/Event Counter 0/1 preload register and generates the interrupt request flag (T0F/T1F; bit 5/6 of INTC) at the same time. In the pulse width measurement mode with the TON and TE bits equal to one, once the TMR0/TMR1 has re- ceived a transient from low to high (or high to low if the TE bits is ²0²) it will start counting until the TMR0/TMR1 returns to the original level and resets the TON. The measured result will remain in the Timer/Event Counter 0/1 even if the activated transient occurs again. In other words, only one cycle measurement can be done. Until setting the TON, the cycle measurement will function again as long as it receives further transient pulse. Note that, in this operating mode, the Timer/Event Counter 0/1 starts counting not according to the logic level but according to the transient edges. In the case of counter overflows, the counter 0/1 is reloaded from the Timer/Event Counter 0/1 preload register and issues the interrupt request just like the other two modes. To en- able the counting operation, the timer ON bit (TON; bit 4 of TMR0C/TMR1C) should be set to 1. In the pulse width measurement mode, the TON will be cleared automati- cally after the measurement cycle is completed. But in the other two modes the TON can only be reset by in- structions. The overflow of the Timer/Event Counter 0/1 is one of the wake-up sources. No matter what the oper- ation mode is, writing a 0 to ET0I/ET1I can disable the corresponding interrupt services. In the case of Timer/Event Counter 0/1 OFF condition, writing data to the Timer/Event Counter 0/1 preload regis- ter will also reload that data to the Timer/Event Counter 0/1. But if the Timer/Event Counter 0/1 is turned on, data written to it will only be kept in the Timer/Event Counter 0/1 preload register. The Timer/Event Counter 0/1 will still operate until overflow occurs (a Timer/Event Counter 0/1 reloading will occur at the same time). When the Timer/Event Counter 0/1 (reading TMR0/TMR1) is read, the clock will be blocked to avoid errors. As clock blocking may results in a counting error, this must be taken into consideration by the programmer. Input/Output Ports There are 40 bidirectional input/output lines in the microcontroller, labeled from PA to PE, which are mapped to the data memory of [12H], [14H], [16H], [18H] and [1AH] respectively. All of these I/O ports can be used for input and output operations. For input oper- ation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction ²MOV A,[m] ² (m=12H, 14H, 16H, 18H or 1AH). For output op- eration, all the data is latched and remains unchanged until the output latch is rewritten. Each I/O line has its own control register (PAC, PBC, PCC, PDC, PEC) to control the input/output configura- tion. With this control register, CMOS/NMOS/PMOS output or Schmitt trigger input with or without pull-high resistor structures can be reconfigured dynamically un- der software control. To function as an input, the corre- sponding latch of the control register must write a ²1². The input source also depends on the control register. If the control register bit is ²1², the input will read the pad state. If the control register bit is ²0², the contents of the latches will move to the internal bus. The latter is possi- ble in the ²read-modify-write² instruction. For output function, CMOS is the only except port A which can be V D D P A 0 ~ P A 6 , P D 4 / T M R 0 P B 0 ~ P B 7 P C 0 ~ P C 7 P D 0 ~ P D 7 P E 0 ~ P E 7 M U X R e a d D a t a R e g i s t e r D Q C K S D Q C K S C o n t r o l B i t P H D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t P L W a k e - u p f o r a n y I / O P o r t P A 7 / T M R 1 P A O u t p u t C o n f i g u r a t i o n Q Q W a k e - u p O p t i o n f o r a n y I / O P o r t Input/Output Ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |