Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 4 Page - Texas Instruments

  CC1020-RTR1 Datasheet HTML 1Page - Texas Instruments CC1020-RTR1 Datasheet HTML 2Page - Texas Instruments CC1020-RTR1 Datasheet HTML 3Page - Texas Instruments CC1020-RTR1 Datasheet HTML 4Page - Texas Instruments CC1020-RTR1 Datasheet HTML 5Page - Texas Instruments CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
CC1020
SWRS046
Page 4 of 92
30.
Address Information................................................................................................... 92
1.
Abbreviations
ACP
Adjacent Channel Power
ACR
Adjacent Channel Rejection
ADC
Analog-to-Digital Converter
AFC
Automatic Frequency Control
AGC
Automatic Gain Control
AMR
Automatic Meter Reading
ASK
Amplitude Shift Keying
BER
Bit Error Rate
BOM
Bill Of Materials
bps
bits per second
BT
Bandwidth-Time product (for GFSK)
ChBW
Receiver Channel Filter Bandwidth
CW
Continuous Wave
DAC
Digital-to-Analog Converter
DNM
Do Not Mount
ESR
Equivalent Series Resistance
FHSS
Frequency Hopping Spread Spectrum
FM
Frequency Modulation
FS
Frequency Synthesizer
FSK
Frequency Shift Keying
GFSK
Gaussian Frequency Shift Keying
IC
Integrated Circuit
IF
Intermediate Frequency
IP3
Third Order Intercept Point
ISM
Industrial Scientific Medical
kbps
kilo bits per second
LNA
Low Noise Amplifier
LO
Local Oscillator (in receive mode)
MCU
Micro Controller Unit
NRZ
Non Return to Zero
OOK
On-Off Keying
PA
Power Amplifier
PD
Phase Detector / Power Down
PER
Packet Error Rate
PCB
Printed Circuit Board
PN9
Pseudo-random Bit Sequence (9-bit)
PLL
Phase Locked Loop
PSEL
Program Select
RF
Radio Frequency
RSSI
Received Signal Strength Indicator
RX
Receive (mode)
SBW
Signal Bandwidth
SPI
Serial Peripheral Interface
SRD
Short Range Device
TBD
To Be Decided/Defined
T/R
Transmit/Receive (switch)
TX
Transmit (mode)
UHF
Ultra High Frequency
VCO
Voltage Controlled Oscillator
VGA
Variable Gain Amplifier
XOSC
Crystal oscillator
XTAL
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com