Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 17 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments CC1020-RTR1 Datasheet HTML 16Page - Texas Instruments CC1020-RTR1 Datasheet HTML 17Page - Texas Instruments CC1020-RTR1 Datasheet HTML 18Page - Texas Instruments CC1020-RTR1 Datasheet HTML 19Page - Texas Instruments CC1020-RTR1 Datasheet HTML 20Page - Texas Instruments CC1020-RTR1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
CC1020
SWRS046
Page 17 of 92
6.
Circuit Description
RF_IN
LNA
FREQ
SYNTH
DIGITAL
DEMODULATOR
- Digital RSSI
- Gain Control
- Image Suppression
- Channel Filtering
- Demodulation
DIGITAL
MODULATOR
- Modulation
- Data shaping
- Power Control
BIAS
Power
Control
DIGITAL
INTERFACE
TO
µC
PA
ADC
ADC
RF_OUT
R_BIAS
XOSC_Q1 XOSC_Q2
PDO
XOSC
VC
CHP_OUT
LNA 2
0
90
:2
0
90
:2
Multiplexer
PA_EN
LNA_EN
PCLK
PDI
PSEL
Figure 2.
CC1020 simplified block diagram
A simplified block diagram of
CC1020 is
shown in Figure 2. Only signal pins are
shown.
CC1020 features a low-IF receiver. The
received RF signal is amplified by the low-
noise amplifier (LNA and LNA2) and
down-converted in quadrature (I and Q) to
the intermediate frequency (IF). At IF, the
I/Q
signal
is
complex
filtered
and
amplified, and then digitized by the ADCs.
Automatic gain control, fine channel
filtering,
demodulation
and
bit
synchronization is performed digitally.
CC1020 outputs the digital demodulated
data on the DIO pin. A synchronized data
clock is available at the DCLK pin. RSSI is
available in digital format and can be read
via the serial interface. The RSSI also
features a programmable carrier sense
indicator.
In transmit mode, the synthesized RF
frequency is fed directly to the power
amplifier (PA). The RF output is frequency
shift keyed (FSK) by the digital bit stream
that is fed to the DIO pin. Optionally, a
Gaussian filter can be used to obtain
Gaussian FSK (GFSK).
The frequency synthesizer includes a
completely on-chip LC VCO and a 90
degrees phase splitter for generating the
LO_I and LO_Q signals to the down-
conversion mixers in receive mode. The
VCO operates in the frequency range
1.608-1.880 GHz. The CHP_OUT pin is
the charge pump output and VC is the
control node of the on-chip VCO. The
external loop filter is placed between these
pins. A crystal is to be connected between
XOSC_Q1 and XOSC_Q2. A lock signal is
available from the PLL.
The 4-wire SPI serial interface is used for
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com