Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 18 Page - Texas Instruments

Part # CC1020-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments CC1020-RTR1 Datasheet HTML 16Page - Texas Instruments CC1020-RTR1 Datasheet HTML 17Page - Texas Instruments CC1020-RTR1 Datasheet HTML 18Page - Texas Instruments CC1020-RTR1 Datasheet HTML 19Page - Texas Instruments CC1020-RTR1 Datasheet HTML 20Page - Texas Instruments CC1020-RTR1 Datasheet HTML 21Page - Texas Instruments CC1020-RTR1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
CC1020
SWRS046
Page 18 of 92
7.
Application Circuit
Very
few
external
components
are
required for the operation of
CC1020. The
recommended application circuit is shown
in Figure 3. The external components are
described in Table 12 and values are
given in Table 13.
Input / output matching
L1 and C1 is the input match for the
receiver. L1 is also a DC choke for
biasing. L2 and C3 are used to match the
transmitter to 50
Ω.
Internal circuitry
makes it possible to connect the input and
output together and match the
CC1020 to
50
Ω in both RX and TX mode. However, it
is recommended to use an external T/R
switch for optimum performance.
See
section 14 on page 46 for details.
Component values for the matching
network are easily found using the
SmartRF® Studio software.
Bias resistor
The precision bias resistor R1 is used to
set an accurate bias current.
PLL loop filter
The loop filter consists of two resistors (R2
and R3) and three capacitors (C6-C8). C7
and C8 may be omitted in applications
where high loop bandwidth is desired. The
values shown in Table 13 can be used for
data rates up to 4.8 kBaud. Component
values for higher data rates are easily
found
using
the
SmartRF®
Studio
software.
Crystal
An external crystal with two loading
capacitors (C4 and C5) is used for the
crystal oscillator. See section 19 on page
58 for details.
Additional filtering
Additional external components (e.g. RF
LC or SAW filter) may be used in order to
improve the performance in specific
applications. See section 14 on page 46
for further information.
Power supply decoupling and filtering
Power supply decoupling and filtering
must be used (not shown in the application
circuit). The placement and size of the
decoupling capacitors and the power
supply filtering are very important to
achieve the optimum performance for
narrowband
applications.
Chipcon
provides a reference design that should be
followed very closely.
Ref
Description
C1
LNA input match and DC block, see page 46
C3
PA output match and DC block, see page 46
C4
Crystal load capacitor, see page 58
C5
Crystal load capacitor, see page 58
C6
PLL loop filter capacitor
C7
PLL loop filter capacitor (may be omitted for highest loop bandwidth)
C8
PLL loop filter capacitor (may be omitted for highest loop bandwidth)
C60
Decoupling capacitor
L1
LNA match and DC bias (ground), see page 46
L2
PA match and DC bias (supply voltage), see page 46
R1
Precision resistor for current reference generator
R2
PLL loop filter resistor
R3
PLL loop filter resistor
R10
PA output match, see page 46
XTAL
Crystal, see page 58
Table 12. Overview of external components (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com