Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALED8102S Datasheet(PDF) 1 Page - STMicroelectronics

Part # ALED8102S
Description  Automotive 8-channel LED driver with direct switch control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED8102S Datasheet(HTML) 1 Page - STMicroelectronics

  ALED8102S Datasheet HTML 1Page - STMicroelectronics ALED8102S Datasheet HTML 2Page - STMicroelectronics ALED8102S Datasheet HTML 3Page - STMicroelectronics ALED8102S Datasheet HTML 4Page - STMicroelectronics ALED8102S Datasheet HTML 5Page - STMicroelectronics ALED8102S Datasheet HTML 6Page - STMicroelectronics ALED8102S Datasheet HTML 7Page - STMicroelectronics ALED8102S Datasheet HTML 8Page - STMicroelectronics ALED8102S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
•
AEC-Q100 grade 1 qualified
–
Operating temperature range: -40 °C < TJ < +150 °C
•
8 constant current output channels controlled by four switch inputs
•
Output enable input for global dimming
•
Output current: from 5 mA to 100 mA
•
Current programmable through external resistor
•
Supply voltage: 3 V to 5.5 V
•
Thermal shutdown
•
19 V current generator rated voltage
•
Available in high thermal efficiency HTSSOP exposed pad package
Applications
•
Automotive LED interior and exterior lighting
–
Clusters
–
LCD back-light
–
Ambient light
–
Dome light
–
Rear combination light
Description
The ALED8102S is a monolithic, low voltage, 8 low-side channels LED driver.
The ALED8102S guarantees up to 19 V output driving capability allowing users to
connect several LEDs in series. In the output stage, 8 regulated current sources
provide from 5 mA to 100 mA constant current to drive the LEDs. Current is
programmed through a single external resistor.
The ALED8102S is equipped with a thermal management that protects the device
forcing it in shutdown (typically: power-off at 170 °C with 15 °C hysteresis to restart).
The thermal protection switches OFF the output channels only.
The operative supply voltage range is between 3 V and 5.5 V. The output control
is provided by four switch inputs, providing an on/off toggle action suitable also for
local dimming. Moreover, on all active output LEDs brightness can be adjusted with a
global PWM signal applied to the output enable pin (OE). Outputs can be connected
in parallel, or left unconnected if not used, as required by the application.
HTSSOP16
(Exposed pad)
Maturity status link
ALED8102S
Device summary
Order code
ALED8102SXTTR
Package
HTSSOP16
Packing
2500 parts per reel
Automotive 8-channel LED driver with direct switch control
ALED8102S
Datasheet
DS12430 - Rev 2 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ALED8102S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED1262ZT STMICROELECTRONICS-ALED1262ZT Datasheet
3Mb / 69P
Automotive-grade 12-channel LED driver with open detection, local dimming, bus driven and standalone operations
25-Feb-2019
ALED1642GW STMICROELECTRONICS-ALED1642GW Datasheet
2Mb / 39P
16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
16-Nov-2015
ALED1642GWXTTR STMICROELECTRONICS-ALED1642GWXTTR Datasheet
2Mb / 39P
16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
16-Nov-2015
ALED6000 STMICROELECTRONICS-ALED6000 Datasheet
4Mb / 45P
Automotive 3 A single channel LED driver with integrated DC-DC converter
12-Oct-2021
ALED6000PHTR STMICROELECTRONICS-ALED6000PHTR Datasheet
4Mb / 45P
Automotive 3 A single channel LED driver with integrated DC-DC converter
12-Oct-2021
More results

Similar Description - ALED8102S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
4-Channel LED Driver with Phase Shift Control
May 19, 2010
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
6-Channel LED Driver with Phase Shift Control
March 12, 2010
logo
Allegro MicroSystems
A1569K ALLEGRO-A1569K Datasheet
601Kb / 21P
Automotive LED Driver with Integrated Hall-Effect Switch
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
4-Channel LED Driver with Phase Shift Control
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
Automotive 8-Channel I2C Switch with Reset
TPS92624-Q1 TI-TPS92624-Q1 Datasheet
5Mb / 40P
TPS92624-Q1 Four-Channel, Automotive High Side LED Driver With Thermal Sharing Control
DECEMBER 2021
TPS92623-Q1 TI-TPS92623-Q1_V01 Datasheet
5Mb / 38P
TPS92623-Q1 Three-Channel, Automotive High Side LED Driver with Thermal Sharing Control
REVISED JUNE 2022
logo
STMicroelectronics
LED8102S STMICROELECTRONICS-LED8102S Datasheet
465Kb / 20P
8-channel LED driver with direct switch control
26-Feb-2021
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com