Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALED8102S Datasheet(PDF) 4 Page - STMicroelectronics

Part # ALED8102S
Description  Automotive 8-channel LED driver with direct switch control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED8102S Datasheet(HTML) 4 Page - STMicroelectronics

  ALED8102S Datasheet HTML 1Page - STMicroelectronics ALED8102S Datasheet HTML 2Page - STMicroelectronics ALED8102S Datasheet HTML 3Page - STMicroelectronics ALED8102S Datasheet HTML 4Page - STMicroelectronics ALED8102S Datasheet HTML 5Page - STMicroelectronics ALED8102S Datasheet HTML 6Page - STMicroelectronics ALED8102S Datasheet HTML 7Page - STMicroelectronics ALED8102S Datasheet HTML 8Page - STMicroelectronics ALED8102S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
3
Absolute maximum ratings
Stressing the device above the ratings listed in the table below may cause permanent damage to the device.
These are stress ratings only and operation of the device at these or any other conditions above those indicated
in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
0 to 7
V
VSW1 -VSW14, VOE
Input pins voltage
- 0.4 to 5.5
V
VOUT0 - OUT7
Output pins voltage
- 0.5 to 20
V
IGND
GND terminal current
800
mA
ESD
Electrostatic discharge protection
HBM (human body model)
±2
kV
Electrostatic discharge protection
CDM (charged device model)
±500
V
Electrostatic discharge protection
CDM (charged device model) for corner pins
±750
3.1
Thermal characteristics
Table 3. Thermal characteristics
Symbol
Parameter
Value
Unit
TJ
Operative junction temperature range
-40 to +150
°C
TSTG
Storage ambient temperature range
-55 to +150
Rthj-amb
Thermal resistance junction-ambient (HTSSOP16) (1)
37.5
°C/W
1. The exposed pad should be soldered directly to the PCB to realize the thermal benefits.
ALED8102S
Absolute maximum ratings
DS12430 - Rev 2
page 4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com