Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALED8102S Datasheet(PDF) 10 Page - STMicroelectronics

Part # ALED8102S
Description  Automotive 8-channel LED driver with direct switch control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED8102S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ALED8102S Datasheet HTML 6Page - STMicroelectronics ALED8102S Datasheet HTML 7Page - STMicroelectronics ALED8102S Datasheet HTML 8Page - STMicroelectronics ALED8102S Datasheet HTML 9Page - STMicroelectronics ALED8102S Datasheet HTML 10Page - STMicroelectronics ALED8102S Datasheet HTML 11Page - STMicroelectronics ALED8102S Datasheet HTML 12Page - STMicroelectronics ALED8102S Datasheet HTML 13Page - STMicroelectronics ALED8102S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
9
Typical application
Figure 8. Typical application circuit
Typical application circuit
The figure above shows a typical application schematic for the ALED8102S, Cled value depends on common rail
voltage connection length and driver total output current, typically it is around 47 µF; Cin is about 1 µF; current
setting resistor depends on output current set (ex. with REXT = 388 Ω → IO ≈ 50 mA). The external programming
resistor between R-EXT and GND should be connected as close as possible to the device.
To have the proper device functionality, it is strongly suggested to follow a correct power-up sequence: VDD and
VLED power supplies must be provided simultaneously or at least, VDD must be connected before VLED so to
activate all internal digital control blocks earlier than LEDs power supply. If VLED anticipates driver VDD, this could
result in a visible flash on connected LEDs (output stage undesired activation).
Device thermal management
The aim of this section is to provide some recommendation that can be useful to design the application PCB for a
better power dissipation:
•
To decrease the device working temperature, the package exposed pad needs soldering to the board.
•
To improve thermal performance at least a 4-layer (e.g. 2S2P) PCB should be used.
•
The copper area below the package thermal pad should be as wide as possible also outside the package
perimeter (using the package sides without pins)
•
A reasonable number of vias must connect the copper area below the package to all available PCB layers
especially just below the device package (e.g. 3x3 or 4x3 vias array) but also outside the package perimeter.
The smaller and closely spaced vias are, the better solution is. The best implementation is represented by
copper filled vias.
•
On each inner layer a copper area must be provided for dissipation (wider it is better, if possible at least
4 times or more the package dimensions). A good condition is to have at least a power layer as an entire
copper area (e.g. GND layer)
•
Traces for pin connection must be as wide as layout constrains allow
•
Several devices in power dissipation on the same board must be properly spaced.
Figure 9 shows, once the maximum power dissipation is fixed, which ambient temperature range can be covered
according to the maximum junction temperature and package thermal resistance: 37.5 °C/W for HTSSOP16 on
Jedec PCB (2S2P) and conditions. With the same thermal resistance, figure 10 shows the junction temperature
as a function of ambient temperature considering 1 W of power dissipation.
ALED8102S
Typical application
DS12430 - Rev 2
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com