Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS27HHW Datasheet(PDF) 46 Page - STMicroelectronics

Part # LPS27HHW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 42Page - STMicroelectronics LPS27HHW Datasheet HTML 43Page - STMicroelectronics LPS27HHW Datasheet HTML 44Page - STMicroelectronics LPS27HHW Datasheet HTML 45Page - STMicroelectronics LPS27HHW Datasheet HTML 46Page - STMicroelectronics LPS27HHW Datasheet HTML 47Page - STMicroelectronics LPS27HHW Datasheet HTML 48Page - STMicroelectronics LPS27HHW Datasheet HTML 49Page - STMicroelectronics LPS27HHW Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Register description
LPS27HHW
46/60
DocID032730 Rev 1
9.7
CTRL_REG2 (11h)
Control register 2 (R/W)
The BOOT bit is used to refresh the content of the internal registers stored in the Flash
memory block. At device power-up, the content of the Flash memory block is transferred to
the internal registers related to the trimming functions to allow correct behavior of the device
itself. If for any reason the content of the trimming registers is modified, it is sufficient to use
this bit to restore the correct values. When the BOOT bit is set to '1', the content of the
internal Flash is copied into the corresponding internal registers and is used to calibrate the
device. These values are factory trimmed and they are different for every device. They allow
the correct behavior of the device and normally they should not be changed. At the end of
the boot process, the BOOT bit is set again to '0' by hardware. The BOOT bit takes effect
immediately after it is set to 1.
INT_H_L selects an interrupt active-high/low value.
PP_OD selects push-pull/open-drain on the interrupt pad.
The IF_ADD_INC bit enables the address to be automatically incremented during a multiple
byte access with a serial interface (SPI or I²C).
The SWRESET bit resets the volatile registers to default value ‘0’. It returns to ‘0’ by
hardware.
76
5
4
3
2
1
0
BOOT
INT_H_L
PP_OD
IF_ADD_INC
0
SWRESET
LOW_NOISE_EN
ONE_SHOT
BOOT
Reboots memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
INT_H_L
Interrupt active-high, active-low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/open-drain selection on interrupt pad. Default value: 0
(0: push-pull; 1: open-drain)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I²C or SPI). Default value: 1
(0: disable; 1: enable)
SWRESET
Software reset. Default value: 0
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
LOW_NOISE_EN Enables low noise (used only if ODR is lower than 100 Hz). Default value: 0
(0: low-current mode; 1: low-noise mode)
ONE_SHOT
Enables one-shot. Default value: 0
(0: idle mode; 1: a new dataset is acquired)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com