Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS27HHW Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS27HHW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 31Page - STMicroelectronics LPS27HHW Datasheet HTML 32Page - STMicroelectronics LPS27HHW Datasheet HTML 33Page - STMicroelectronics LPS27HHW Datasheet HTML 34Page - STMicroelectronics LPS27HHW Datasheet HTML 35Page - STMicroelectronics LPS27HHW Datasheet HTML 36Page - STMicroelectronics LPS27HHW Datasheet HTML 37Page - STMicroelectronics LPS27HHW Datasheet HTML 38Page - STMicroelectronics LPS27HHW Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
DocID032730 Rev 1
35/60
LPS27HHW
Digital interfaces
60
GETPID
0x8D
0x02
0x08
0x00
0xB3
0x00
0x00
Device ID register
GETBCR
0x8E
0x07
Bus characteristics register
GETDCR
0x8F
0x62
DCR
GETSTATUS
0x90
Status register
GETMXDS
0x94
0x00
0x20
Return max data speed
GETXTIME
0x99
0x07
0x04
0x0A
0x64
Get exchange time information
Table 17. MIPI I3CSM CCC commands (continued)
Command
Command
code
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com