Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2D Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGAP2D
Description  Galvanically isolated 4 A half-bridge gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGAP2D Datasheet HTML 3Page - STMicroelectronics STGAP2D Datasheet HTML 4Page - STMicroelectronics STGAP2D Datasheet HTML 5Page - STMicroelectronics STGAP2D Datasheet HTML 6Page - STMicroelectronics STGAP2D Datasheet HTML 7Page - STMicroelectronics STGAP2D Datasheet HTML 8Page - STMicroelectronics STGAP2D Datasheet HTML 9Page - STMicroelectronics STGAP2D Datasheet HTML 10Page - STMicroelectronics STGAP2D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Table 7. Isolation characteristics
Parameter
Symbol
Test Conditions
Characteristic
Unit
Input to Output test voltage
In accordance with VDE 0884-11
VPR
Method a, Type test
2720
VPEAK
VPR = 2720, tm = 10 s
Partial discharge < 5 pC
Method b1, 100% Production test
3200
VPEAK
VPR = 3200, tm = 1 s
Partial discharge < 5 pC
Transient Overvoltage
(Highest Allowable Overvoltage)
VIOTM
tini = 60 s
Type test
4800
VPEAK
Maximum Surge Test Voltage
VIOSM
Type test
4800
VPEAK
Isolation Resistance
RIO
VIO = 500 V, Type test
>109
Ω
Table 8. UL 1577 isolation voltage ratings
Description
Symbol
Characteristic
Unit
Isolation Withstand Voltage, 1 min (Type test)
VISO
2828/4000
Vrms/ PEAK
Isolation Test Voltage, 1 sec (100% production)
VISOtest
3394/4800
Vrms/ PEAK
Recognized under the UL 1577 Component Recognition Program - file number E362869
STGAP2D
Electrical characteristics
DS12746 - Rev 3
page 7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com