Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2D Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGAP2D
Description  Galvanically isolated 4 A half-bridge gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGAP2D Datasheet HTML 4Page - STMicroelectronics STGAP2D Datasheet HTML 5Page - STMicroelectronics STGAP2D Datasheet HTML 6Page - STMicroelectronics STGAP2D Datasheet HTML 7Page - STMicroelectronics STGAP2D Datasheet HTML 8Page - STMicroelectronics STGAP2D Datasheet HTML 9Page - STMicroelectronics STGAP2D Datasheet HTML 10Page - STMicroelectronics STGAP2D Datasheet HTML 11Page - STMicroelectronics STGAP2D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
5
Functional description
5.1
Gate driving power supply and UVLO
The STGAP2D is a flexible and compact gate driver with 4 A output current and rail-to-rail outputs. The device
allows implementing either unipolar or bipolar gate driving.
Figure 3. Power supply configuration for unipolar and bipolar gate driving
I
S
O
L
A
T
I
O
N
VH_x
GNDISO_x
VDD
GND
INx
GOUT_x
+
VH
VDD
+
VH
+
VL
Unipolar gate driving
Bipolar gate driving
I
S
O
L
A
T
I
O
N
VH_x
GNDISO_x
VDD
GND
INx
GOUT_x
1uF
100nF
VDD
1uF
100nF
1uF
100nF
100nF
1uF
1uF
Undervoltage protection is available on VH_x supply pin. A fixed hysteresis sets the turn-off threshold, thus
avoiding intermittent operation.
When VH_x voltage goes below the VHoff threshold, the output buffer enters 'safe state'. When VH_x voltage
reaches the VHon threshold, the device returns to normal operation and sets the output according to actual input
pins status.
The VDD and VH_x supply pins must be properly filtered with local bypass capacitors. The use of capacitors with
different values in parallel provides both local storage for impulsive current supply and high-frequency filtering.
We recommend using low-ESR SMT ceramic capacitors for the best filtering performance. A 100 nF ceramic
capacitor must be placed as close as possible to each supply pin, and a second bypass capacitor with value
between 1 μF and 10 μF should be placed close to it.
5.2
Power-up, power-down and safe state
The following conditions define the safe state:
•
GOUT n-channel = ON state
•
GOUT p-channel = high impedance
Such conditions are maintained at power-up of the isolated side (VH_x < VHon) and during whole device power-
down phase (VH < VHoff), regardless of the value of the input pins.
The device integrates a structure that clamps the driver output to a voltage not higher than SafeClp when VH
voltage is not high enough to actively turn the internal GOUT n-channel on. If VH_x positive supply pin is floating
or not supplied, the GOUT pin is therefore clamped to a voltage smaller than SafeClp.
If the supply voltage VDD of the control section of the device is not supplied, the output is put in safe state and
remains in this condition until the VDD voltage returns to operative conditions.
After power-up of both isolated and low voltage side, the device output state depends on the status of the input
pins.
STGAP2D
Functional description
DS12746 - Rev 3
page 8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com