Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGAP2D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGAP2D
Description  Galvanically isolated 4 A half-bridge gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGAP2D Datasheet HTML 5Page - STMicroelectronics STGAP2D Datasheet HTML 6Page - STMicroelectronics STGAP2D Datasheet HTML 7Page - STMicroelectronics STGAP2D Datasheet HTML 8Page - STMicroelectronics STGAP2D Datasheet HTML 9Page - STMicroelectronics STGAP2D Datasheet HTML 10Page - STMicroelectronics STGAP2D Datasheet HTML 11Page - STMicroelectronics STGAP2D Datasheet HTML 12Page - STMicroelectronics STGAP2D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
5.3
Control Inputs
The device is controlled through the following logic inputs:
•
SD: active low shutdown input;
•
BRAKE: active low brake input;
•
INA, INB: active high logic inputs for channel A and channel B driver outputs;
•
iLOCK: used to enable or disable the interlocking protection
The operation of the driver IOs is described in Table 9.
Table 9. Inputs truth table (applicable when device is not in UVLO or "safe state")
Input pins(1)
Output pins
iLOCK
SD
BRAKE
INA
INB
GOUT_A
GOUT_B
X
L
X
X
X
Low
Low
X
H
L
X
X
Low
HIGH
X
H
H
L
L
Low
Low
X
H
H
H
L
HIGH
Low
X
H
H
L
H
Low
HIGH
Interlocking
VDD
H
H
H
H
Low
Low
GND
H
H
H
H
HIGH
HIGH
1. X: Don’t care.
A deglitch filter allows input signals with duration shorter than tdeglitch to be ignored, thereby preventing any noise
spikes in the application from generating unwanted commutations.
5.4
Watchdog
The isolated HV side has a watchdog function to identify when it is not able to communicate with the LV side; for
example, because the VDD of the LV side is not supplied. In this case, the output of the driver is forced into 'safe
state' until the communication link is properly established again.
5.5
Thermal shutdown protection
The device provides a thermal shutdown protection. When junction temperature reaches the TSD temperature
threshold, the device is forced into 'safe state'. Device operation is restored as soon as the junction temperature
falls below TSD - Thys.
5.6
Standby function
The device can be put in standby mode to reduce the power consumption of both the control interface and gate
driving sides. In standby mode, the quiescent current from VDD and VH_x supply pins is reduced to IQDDS and
IQHS_x, respectively, and the output remains in ‘safe state’ (the output is actively forced low).
To enter standby, keep the SD low while keeping the other input pins (INA, INB and BRAKE) high ('standby' value)
for a time longer than tSTBY. During standby, the inputs can change from the 'standby' value.
To exit standby, inputs must be put in any combination different from the 'standby' value for a time longer than
tstbyfilt , and then in the “standby” value for a time t such that tWUP< t < tSTBY.
When the input configuration is changed from the 'standby' value, the output is enabled and set according to
inputs state after a time tawake.
STGAP2D
Control Inputs
DS12746 - Rev 3
page 9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com