Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRPM4424 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHRPM4424
Description  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHRPM4424 Datasheet HTML 7Page - STMicroelectronics RHRPM4424 Datasheet HTML 8Page - STMicroelectronics RHRPM4424 Datasheet HTML 9Page - STMicroelectronics RHRPM4424 Datasheet HTML 10Page - STMicroelectronics RHRPM4424 Datasheet HTML 11Page - STMicroelectronics RHRPM4424 Datasheet HTML 12Page - STMicroelectronics RHRPM4424 Datasheet HTML 13Page - STMicroelectronics RHRPM4424 Datasheet HTML 14Page - STMicroelectronics RHRPM4424 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
7.4
Parallel output operation
For applications demanding high driving current capability (over 4.5 A provided by the single branch), the
RHRPM4424 allows the two drivers to be in parallel to reach the highest current, up to 9 A. This configuration is
depicted in Figure 6. Parallel output connection where PWM_1 and PWM_2 and OUTH_x and OUTL_x are tied
together. The matching of internal propagation delays guarantees that the two drivers switch on and off
simultaneously.
Figure 6. Parallel output connection
PWM_1
SGND
PGND
PWM_2
OUTH_1
OUTL_1
VCC
OUTH_2
OUTL_2
GIPD180120161228MT
7.5
Gate driver voltage flexibility
The RHRPM4424 allows the user to select the gate drive voltage so to optimize the efficiency of the application.
The low-side MOSFET driving voltage depends on the voltage applied to VCC and can range from 4.65 V to 18 V.
RHRPM4424
Parallel output operation
DS11485 - Rev 7
page 11/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com