Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRPM4424 Datasheet(PDF) 16 Page - STMicroelectronics

Part # RHRPM4424
Description  Rad-hard 4.5 A dual low-side MOSFET driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPM4424 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RHRPM4424 Datasheet HTML 12Page - STMicroelectronics RHRPM4424 Datasheet HTML 13Page - STMicroelectronics RHRPM4424 Datasheet HTML 14Page - STMicroelectronics RHRPM4424 Datasheet HTML 15Page - STMicroelectronics RHRPM4424 Datasheet HTML 16Page - STMicroelectronics RHRPM4424 Datasheet HTML 17Page - STMicroelectronics RHRPM4424 Datasheet HTML 18Page - STMicroelectronics RHRPM4424 Datasheet HTML 19Page - STMicroelectronics RHRPM4424 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
9
Layout and application guidelines
The first priority, when components are placed for these applications, is the power section, minimizing the length
of each connection and loop. To minimize noise and voltage spikes (EMI and losses as well) power connections
have to be a part of a power plane with wide and thick conductor traces: loop has to be minimized. The capacitor
on VCC, as well as the output inductor should be placed as closer as possible to IC. Traces between the driver
and the external MOSFETs should be short to reduce the inductance of the trace and the ringing in the driving
signals. Moreover, the number of vias has to be minimized to reduce the related parasitic effect.
Small signal components and connections to critical nodes of the application as well as bypass capacitors for the
device supply are also important. The bypass capacitor (VCC capacitors) has to be placed close to the device
with the shortest loop to minimize the parasitic inductance.
To improve heat dissipation, the copper area has to be placed under the IC. This copper area may be connected
to other layers (if available) through vias so to improve the thermal conductivity: the combination of copper pad,
copper plane and vias under the driver allows the device to reach its best thermal performance. It is important for
the power device to have a thermal path compatible with the dissipated power: both the driver and the external
MOSFET have to be mounted on a dedicated heat sink (for example, the driver should be soldered on the copper
area of the PCB, which is in strict thermal contact to an aluminum frame) sticking each part to the frame (without
using any screw for the MOSFET). The glue could be the resin ME7158 (space approved resin). Moreover, two
small FR4 spacers could be added to guarantee the electrical isolation of the package from the frame.
A recommended PCB layout is shown in Figure 12. Evaluation board layout: top view.
Figure 12. Evaluation board layout: top view
GIPD180120161407MT
RHRPM4424
Layout and application guidelines
DS11485 - Rev 7
page 16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com