Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA8P30-1T2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ESDA8P30-1T2
Description  Small transient voltage suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA8P30-1T2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ESDA8P30-1T2 Datasheet HTML 3Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 4Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 5Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 6Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 7Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 8Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 9Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 10Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
4
Ordering information
Figure 15. Ordering information scheme
ESDA
8 P30 - 1
T2
ESD Array
Breakdown voltage
8 = 8 V typ.
IPP 8/20 µs
Direction
1 = 1 unidirectional line version1
Package
T2 = Thin SOD882
P30 = 30 A
Table 4. Ordering information
Order code
Marking
Weight
Base qty.
Delivery mode
ESDA8P30-1T2
E
0.76 mg
12000
Tape and reel
1. The marking can be rotated by multiples of 90° to differentiate assembly location.
ESDA8P30-1T2
Ordering information
DS12517 - Rev 3
page 9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com