Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA8P30-1T2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA8P30-1T2
Description  Small transient voltage suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA8P30-1T2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA8P30-1T2 Datasheet HTML 1Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 2Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 3Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 4Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 5Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 6Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 7Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 8Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SOD882T package
Pin configuration
Features
•
Low clamping voltage
•
Peak pulse power:
–
300 W (8/20 µs)
•
Stand-off voltage 6.3 V
•
Unidirectional diode
•
Low leakage current:
–
0.3 µA at 25 °C
•
Complies with the following standards: IEC 61000-4-2 level 4
–
± 30 kV (air discharge)
–
± 30 kV (contact discharge)
Application
Where transient over voltage protection in ESD sensitive equipment is required, such
as:
•
Smartphones, mobile phones, tablets, portable multimedia
•
USB Vbus protection
•
Power supply protection
•
Battery protection
Description
The ESDA8P30-1T2 is a unidirectional single line TVS diode designed to protect the
power line against EOS and ESD transients.
The device is ideal for applications where high power TVS and board space saving
are required.
Product status link
ESDA8P30-1T2
Small transient voltage suppressor
ESDA8P30-1T2
Datasheet
DS12517 - Rev 3 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ESDA8P30-1T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA8P80-1U1M STMICROELECTRONICS-ESDA8P80-1U1M Datasheet
348Kb / 10P
High power transient voltage suppressor
02-Mar-2016
More results

Similar Description - ESDA8P30-1T2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com