Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA8P30-1T2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA8P30-1T2
Description  Small transient voltage suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA8P30-1T2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA8P30-1T2 Datasheet HTML 1Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 2Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 3Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 4Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 5Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 6Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 7Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 8Page - STMicroelectronics ESDA8P30-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vpp
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
>30
>30
kV
Ppp
Peak pulse power (8/20 μs)
300
W
Ipp
Peak pulse current (8/20 μs)
30
A
Top
Operating junction temperature range
-55 to 150
°C
Tstg
Storage junction temperature range
-55 to 150
°C
Figure 1. Electrical characteristics (definitions)
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @V
V
=
Stand-off voltage
I
=
Peak pulse current
R
BR
RM
RM
RM
PP
V
=
Clamping voltage
CL
D
=
Dynamic resistance
I
R
=
Breakdown current
V
V
V
I RM
I R
I PP
V
I
V
Slope = 1/ R d
V
V
CL
V
BR
RM
V
Table 2. Electrical characteristics (values) (Tamb = 25° C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6.9
7.3
7.8
V
IRM
VRM = 6.3 V
300
nA
VCL
IPP = 20 A 8/20µs
11
V
IPP = 30 A 8/20µs
12
RD
8/20µs
0.12
Ω
CLINE
VLINE = 0 V, F = 1 MHz, VOSC = 30 mV
170
pF
ESDA8P30-1T2
Characteristics
DS12517 - Rev 3
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com