Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF4L15400CB4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RF4L15400CB4
Description  400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF4L15400CB4 Datasheet(HTML) 5 Page - STMicroelectronics

  RF4L15400CB4 Datasheet HTML 1Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 2Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 3Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 4Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 5Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 6Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 7Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 8Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 3. Thermal test at 1.5 GHz under standard pulsed conditions
56.0
56.5
57.0
57.5
58.0
58.5
59.0
59.5
60.0
60.5
395
400
405
410
415
420
425
430
435
440
0
20
40
60
80
100
120
140
160
180
GPS
ηD
GADG030220211744GT
Operating time, t (s)
Note:
VDD = 40 V, IDQ = 100 mA, pulsed CW, pulse width = 20 μs, duty cycle = 10%.
RF4L15400CB4
Typical performances
DS13645 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com