Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF4L15400CB4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF4L15400CB4
Description  400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF4L15400CB4 Datasheet(HTML) 4 Page - STMicroelectronics

  RF4L15400CB4 Datasheet HTML 1Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 2Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 3Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 4Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 5Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 6Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 7Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 8Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Typical performances
Figure 1. Power gain and drain efficiency vs output power (1480 – 1520 MHz frequency band, IDQ = 100 mA)
1480 MHz
1500 MHz
1520 MHz
GPS
ηD
POUT (dbm)
20
25
30
35
40
45
50
55
60
16
17
18
19
20
21
22
23
24
48
49
50
51
52
53
54
55
56
57
58
GADG030220211654GT
Figure 2. Power gain and drain efficiency vs output power (1480 – 1520 MHz frequency band, IDQ = 1.5 A)
GADG030220211717GT
20
25
30
35
40
45
50
55
60
16
17
18
19
20
21
22
23
24
48
49
50
51
52
53
54
55
56
57
58
1480 MHz
1500 MHz
1520 MHz
GPS
ηD
POUT (dbm)
Note:
VDD = 40 V, pulsed CW, pulse width = 20 μs, duty cycle = 10%.
RF4L15400CB4
Typical performances
DS13645 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com