Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF4L15400CB4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RF4L15400CB4
Description  400 W, 40 V, 1.2 to 1.5 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF4L15400CB4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RF4L15400CB4 Datasheet HTML 5Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 6Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 7Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 8Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 9Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 10Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 11Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 12Page - STMicroelectronics RF4L15400CB4 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Table 7. D4E package mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
35.44
35.56
35.68
B
11.56
11.68
11.80
C
1.92
2.04
2.16
E
3.06
3.18
3.30
F
9.25
9.40
9.50
G
10.04
10.16
10.28
H
5.72
5.85
3.48
L
16.11
16.62
17.13
M
1.51
1.78
2.05
N
0.10
0.13
0.16
P
4.17
4.55
4.93
Q
30.96
31.24
31.52
R
1.55
1.62
1.69
S
2.09
2.16
2.23
T
41.08
41.22
V
13.60
13.72
13.84
R1
1.59
CH1
1.19
RF4L15400CB4
D4E package information
DS13645 - Rev 2
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com