Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9060C Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST9060C
Description  RF Power LDMOS transistor HF up to 1.5 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9060C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST9060C Datasheet HTML 2Page - STMicroelectronics ST9060C Datasheet HTML 3Page - STMicroelectronics ST9060C Datasheet HTML 4Page - STMicroelectronics ST9060C Datasheet HTML 5Page - STMicroelectronics ST9060C Datasheet HTML 6Page - STMicroelectronics ST9060C Datasheet HTML 7Page - STMicroelectronics ST9060C Datasheet HTML 8Page - STMicroelectronics ST9060C Datasheet HTML 9Page - STMicroelectronics ST9060C Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5
Test circuit
Figure 6. Test circuit
Table 6. ST9060C components list
Item
Quantity
Part number
Vendor
Description
R1, R2
2
CR1206-8W-112JB
VENKEL
1.1 kΩ 1/8 W surface mount chip resistor
R3
1
CR1206-8W-100JB
VENKEL
10 Ω 1/8 W surface mount chip resistor
Coil
2
BELDEN
Inductor 5 turn air wound #20 AWG ID = 0.130 inches
(3.3 mm) nylon coated
B1, B2, B3,
B4, B5
5
2743021447
Fair-Rite
Products
Surface mount EMI shield bead
C1, C7, C8
3
T491D106K035AT
KEMET
10 μF 35 V tantalum capacitors
C2
1
100 μF 63 V electrolytic capacitor
C3, C4, C10,
C15
4
ATC100B470XXXX
ATC
47 pF chip capacitor
C5, C6
2
ATC200B393MW
ATC
39000 pF chip capacitor
C9
1
330 μF 50 V electrolytic capacitor
C11, C13,
C14
3
27291PC
Johanson
Technology
0.8 to 8 pF giga-trim variable capacitor
TL1
L = 1.350 inches [34.29 mm]
W = 0.082 inches [02.08 mm]
TL2
L = 0.144 inches [3.65 mm]
W = 0.082 inches [02.08 mm]
TL3
L = 0.311 inches [7.91 mm]
W = 0.082 inches [02.08 mm]
TL4
L = 00.82 inches [2.09 mm]
W = 0.323 inches [08.21 mm]
TL5
L = 0.194 inches [4.94 mm]
W = 0.323 inches [08.21 mm]
TL6
L = 0.059 inches [1.49 mm] W = 0.506 inches [12.85 mm]
ST9060C
Test circuit
DS12437 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com