Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9060C Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST9060C
Description  RF Power LDMOS transistor HF up to 1.5 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9060C Datasheet(HTML) 3 Page - STMicroelectronics

  ST9060C Datasheet HTML 1Page - STMicroelectronics ST9060C Datasheet HTML 2Page - STMicroelectronics ST9060C Datasheet HTML 3Page - STMicroelectronics ST9060C Datasheet HTML 4Page - STMicroelectronics ST9060C Datasheet HTML 5Page - STMicroelectronics ST9060C Datasheet HTML 6Page - STMicroelectronics ST9060C Datasheet HTML 7Page - STMicroelectronics ST9060C Datasheet HTML 8Page - STMicroelectronics ST9060C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
(TCASE = 25 °C)
Table 3. Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V, IDS = 10 mA
90
94
V
IDSS
VGS = 0 V, VDS = 28 V
1
µA
IGSS
VGS = 12 V, VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V, IDS = 300 mA
2
2.9
5
V
VDS(ON)
VGS = 10 V, IDS = 3 A
0.74
1.0
V
GFS
VDS = 10 V, IDS = 3 A
3
S
CISS
VGS = 0 V, VDS = 28 V, f = 1 MHz
73
pF
COSS
VGS = 0 V, VDS = 28 V, f = 1 MHz
24
pF
CRSS
VGS = 0 V, VDS = 28 V, f = 1 MHz
1.6
pF
Table 4. Dynamic (RF spec @ 945 MHz)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 28 V, IDQ = 300 mA, PIN = 1.5 W
80
-
W
Gain
VDD = 28 V, IDQ = 300 mA, PIN = 1.5 W
17.3
-
dB
Efficiency
VDD = 28 V, IDQ = 300 mA, PIN = 1.5 W
70
-
%
Load
mismatch
VDD = 28 V, IDQ = 300 mA, POUT = 60 W
All phase angles
20:1
-
VSWR
ST9060C
Electrical characteristics
DS12437 - Rev 2
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com