Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9060C Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST9060C
Description  RF Power LDMOS transistor HF up to 1.5 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9060C Datasheet(HTML) 4 Page - STMicroelectronics

  ST9060C Datasheet HTML 1Page - STMicroelectronics ST9060C Datasheet HTML 2Page - STMicroelectronics ST9060C Datasheet HTML 3Page - STMicroelectronics ST9060C Datasheet HTML 4Page - STMicroelectronics ST9060C Datasheet HTML 5Page - STMicroelectronics ST9060C Datasheet HTML 6Page - STMicroelectronics ST9060C Datasheet HTML 7Page - STMicroelectronics ST9060C Datasheet HTML 8Page - STMicroelectronics ST9060C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Impedance data
Figure 1. Impedance data
ZDL
D
S
ZIN
G
Typical input
impedance
Typical drain
loa d impedance
AM09249V1
Table 5. Impedance data
Frequency (MHz)
ZINΩ
ZDLΩ
100
1.04 - j 17.7
5.2 + j 0.3
200
0.97 - j 8.9
5.1 + j 0.7
300
0.88 - j 5.8
4.9 + j 0.9
400
0.58 - j 4.3
4.6 + j 1.2
500
0.76 - j 3.1
4.4 + j 1.3
600
0.97 - j 2.3
4.1 + j 1.4
700
0.94 - j 1.8
3.8 + j 1.5
800
0.88 - j 1.5
3.5 + j 1.5
900
0.90 - j 1.2
3.2 + j 1.5
1000
0.90 - j 1.0
3.0 + j 1.4
1100
0.89 - j 0.7
2.7 + j 1.3
1200
0.86 - j 0.5
2.5 + j 1.2
1300
0.85 - j 0.3
2.3 + j 1.0
1400
0.83 - j 0.2
2.1 + j 0.9
1500
0.82 + j 0.03
2.0 + j 0.7
ST9060C
Impedance data
DS12437 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com