Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # PAL16R4
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R4 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button PAL16R4 Datasheet HTML 21Page - Advanced Micro Devices PAL16R4 Datasheet HTML 22Page - Advanced Micro Devices PAL16R4 Datasheet HTML 23Page - Advanced Micro Devices PAL16R4 Datasheet HTML 24Page - Advanced Micro Devices PAL16R4 Datasheet HTML 25Page - Advanced Micro Devices PAL16R4 Datasheet HTML 26Page - Advanced Micro Devices PAL16R4 Datasheet HTML 27Page - Advanced Micro Devices PAL16R4 Datasheet HTML 28Page - Advanced Micro Devices PAL16R4 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AMD
2-27
PAL16R8B-4 (Com’l)
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 1)
Parameter
Symbol
Parameter Description
Min
Max
Unit
tPD
Input or Feedback to Combinatorial Output
16L8, 16R6,
35
ns
16R4
tS
Setup Time from Input or Feedback to Clock
35
ns
tH
Hold Time
0ns
tCO
Clock to Output or Feedback
16R8, 16R6,
25
ns
tWL
Clock Width
LOW
16R4
25
ns
tWH
HIGH
25
ns
Maximum
External Feedback
1/(tS + tCO)
16
MHz
fMAX
Frequency
(Note 2)
No Feedback
1/(tWH + tWL)
20
MHz
tPZX
OE to Output Enable
25
ns
tPXZ
OE to Output Disable
25
ns
tEA
Input to Output Enable Using Product Term Control
16L8, 16R6,
35
ns
tER
Input to Output Disable Using Product Term Control
16R4
35
ns
Notes:
1. See Switching Test Circuit for test conditions.
2. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where frequency may be affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com