Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # PAL16R4
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R4 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button PAL16R4 Datasheet HTML 25Page - Advanced Micro Devices PAL16R4 Datasheet HTML 26Page - Advanced Micro Devices PAL16R4 Datasheet HTML 27Page - Advanced Micro Devices PAL16R4 Datasheet HTML 28Page - Advanced Micro Devices PAL16R4 Datasheet HTML 29Page - Advanced Micro Devices PAL16R4 Datasheet HTML 30Page - Advanced Micro Devices PAL16R4 Datasheet HTML 31Page - Advanced Micro Devices PAL16R4 Datasheet HTML 32Page - Advanced Micro Devices PAL16R4 Datasheet HTML 33Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AMD
2-31
PAL16R8-5
CURRENT VS. VOLTAGE (I-V) CHARACTERISTICS for the PAL16R8-4/5
VCC = 5.0 V, TA = 25
°C
15
10
Output, LOW
IOL, mA
5
–5
–10
–15
–0.6 –0.4 –0.2
0.2
0.4
0.6
VOL, V
20
–40
–60
–80
–3
–2
–1
12
3
Output, HIGH
IOH, mA
VOH, V
–20
Input
II,
µA
VI, V
20
–100
–150
–200
–3
–2
–1
12
3
–50
–90
16492D-21
16492D-22
16492D-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com