Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # PAL16R4
Description  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R4 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button PAL16R4 Datasheet HTML 11Page - Advanced Micro Devices PAL16R4 Datasheet HTML 12Page - Advanced Micro Devices PAL16R4 Datasheet HTML 13Page - Advanced Micro Devices PAL16R4 Datasheet HTML 14Page - Advanced Micro Devices PAL16R4 Datasheet HTML 15Page - Advanced Micro Devices PAL16R4 Datasheet HTML 16Page - Advanced Micro Devices PAL16R4 Datasheet HTML 17Page - Advanced Micro Devices PAL16R4 Datasheet HTML 18Page - Advanced Micro Devices PAL16R4 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AMD
2-17
PAL16R8-7 (Com’l)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
5
COUT
Output Capacitance
VOUT = 2.0 V
8
VCC = 5.0 V
TA = 25
°C
f = 1 MHz
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 2)
Parameter
Min
Symbol
Parameter Description
(Note 3)
Max
Unit
16L8, 16R6,
3
7.5
16R4
3
7
tS
Setup Time from Input or Feedback to Clock
7
ns
tH
Hold Time
0ns
tCO
Clock to Output
1
6.5
ns
tSKEW
Skew Between Registered Outputs (Note 4)
16R8, 16R6,
1
ns
tWL
LOW
16R4
5
ns
tWH
HIGH
5
ns
External Feedback
1/(tS + tCO)
74
MHz
fMAX
Internal Feedback
1/(tS + tCF)
100
MHz
(fCNT)
(Note 6)
No Feedback
1/(tWH + tWL)
100
MHz
tPZX
OE to Output Enable
1
8
ns
tPXZ
OE to Output Disable
1
8
ns
tEA
Input to Output Enable Using Product Term Control
16L8, 16R6,
3
10
ns
tER
Input to Output Disable Using Product Term Control
16R4
3
10
ns
ns
Maximum
Frequency
(Note 5)
Clock Width
tPD
Input or Feedback to
Combinatorial Output
1 Output Switching
Notes:
2. See Switching Test Circuit for test conditions.
3. Output delay minimums for tPD, tCO, tPZX, tPXZ, tEA, and tER are defined under best case conditions. Future process improve-
ments may alter these values; therefore, minimum values are recommended for simulation purposes only.
4. Skew is measured with all outputs switching in the same direction.
5. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where the frequency may be affected.
6. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com