Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2P75S12M3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # A2P75S12M3
Description  ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2P75S12M3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A2P75S12M3 Datasheet HTML 2Page - STMicroelectronics A2P75S12M3 Datasheet HTML 3Page - STMicroelectronics A2P75S12M3 Datasheet HTML 4Page - STMicroelectronics A2P75S12M3 Datasheet HTML 5Page - STMicroelectronics A2P75S12M3 Datasheet HTML 6Page - STMicroelectronics A2P75S12M3 Datasheet HTML 7Page - STMicroelectronics A2P75S12M3 Datasheet HTML 8Page - STMicroelectronics A2P75S12M3 Datasheet HTML 9Page - STMicroelectronics A2P75S12M3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2
Electrical characteristics curves
Figure 3. IGBT output characteristics
(VGE = 15 V, terminal)
IGBT191020171345OC25
125
100
75
50
25
0
0
1
2
3
4
IC
(A)
VCE (V)
TJ = 25 °C
TJ = 150 °C
Figure 4. IGBT output characteristics
(TJ = 150 °C, terminal)
IGBT191020171348OC25
125
100
75
50
25
0
0
1
2
3
4
IC
(A)
VCE (V)
TJ = 150 °C
19 V
17 V
13 V
11 V
15 V
9 V
Figure 5. IGBT transfer characteristics
(VCE = 15 V, terminal)
IGBT191020171350OC25
125
100
75
50
25
0
5
7
9
11
IC
(A)
VGE (V)
TJ = 25 °C
TJ = 150 °C
Figure 6. IGBT collector current vs case temperature
GADG160120190936CCT
140
120
100
80
60
40
20
0
0
25
50
75
100 125 150
IC
(A)
TC (°C)
VCC = 15 V
TJ = 175 °C
A2P75S12M3
Electrical characteristics curves
DS11655 - Rev 6
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com