Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2P75S12M3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # A2P75S12M3
Description  ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2P75S12M3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A2P75S12M3 Datasheet HTML 4Page - STMicroelectronics A2P75S12M3 Datasheet HTML 5Page - STMicroelectronics A2P75S12M3 Datasheet HTML 6Page - STMicroelectronics A2P75S12M3 Datasheet HTML 7Page - STMicroelectronics A2P75S12M3 Datasheet HTML 8Page - STMicroelectronics A2P75S12M3 Datasheet HTML 9Page - STMicroelectronics A2P75S12M3 Datasheet HTML 10Page - STMicroelectronics A2P75S12M3 Datasheet HTML 11Page - STMicroelectronics A2P75S12M3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Figure 13. Diode reverse recovery energy vs gate
resistance
IGBT191020171410RRE
7
6
5
4
3
2
1
0
0
10
20
30
40
Erec
(mJ)
RG (Ω)
VCE = 600 V, VGE = ±15 V, IF = 75 A
TJ = 150 °C
TJ = 25 °C
Figure 14. IGBT thermal impedance
IGBT191020171416ZTH
10 -1
10 -2
10 -3
10 -2
10 -1
10 0
Zth(°C/W)
t (s)
Zth(typ.)JH
Zth(max.)JC
JC
i
1
2
3
4
ri (˚C/W)
0.0306
0.1563
0.0897
0.0518
τi (s)
0.0004
0.0112
0.0897
0.4563
JH
i
1
2
3
4
ri (˚C/W)
0.0324
0.1591
0.4715
0.2345
τi (s)
0.0004
0.0190
0.1303
0.4773
RC - Foster Thermal Network
RC - Foster Thermal Network
Figure 15. Inverter diode thermal impedance
IGBT191020171415MT
10 0
10 -1
10 -2
10 -3
10 -2
10 -1
10 0
Zth(°C/W)
t (s)
Zth(max.)JC
Zth(typ.)JH
JC
i
1
3
2
4
ri (˚C/W)
0.0580
0.2865
0.1661
0.0857
τi (s)
0.0007
0.0090
0.0585
0.3810
JH
i
1
2
3
4
ri (˚C/W)
0.0718
0.2823
0.6107
0.3305
τi (s)
0.0009
0.0152
0.1025
0.4110
RC - Foster Thermal Network
RC - Foster Thermal Network
A2P75S12M3
Electrical characteristics curves
DS11655 - Rev 6
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com