Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2P75S12M3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # A2P75S12M3
Description  ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2P75S12M3 Datasheet(HTML) 3 Page - STMicroelectronics

  A2P75S12M3 Datasheet HTML 1Page - STMicroelectronics A2P75S12M3 Datasheet HTML 2Page - STMicroelectronics A2P75S12M3 Datasheet HTML 3Page - STMicroelectronics A2P75S12M3 Datasheet HTML 4Page - STMicroelectronics A2P75S12M3 Datasheet HTML 5Page - STMicroelectronics A2P75S12M3 Datasheet HTML 6Page - STMicroelectronics A2P75S12M3 Datasheet HTML 7Page - STMicroelectronics A2P75S12M3 Datasheet HTML 8Page - STMicroelectronics A2P75S12M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VCC = 600 V, IC = 75 A,
RG = 10 Ω, VGE = ±15 V,
dv/dt = 6000 V/µs;
250
ns
tf
Current fall time
159
ns
Eoff (2)
Turn-off switching
energy
5.13
mJ
td(on)
Turn-on delay time
VCC = 600 V, IC = 75 A,
RG = 10 Ω, VGE = ±15 V,
di/dt = 1718 A/µs, TJ = 150 °C
200
ns
tr
Current rise time
35
ns
Eon (1)
Turn-on switching
energy
6.28
mJ
td(off)
Turn-off delay time
VCC = 600 V, IC = 75 A,
RG = 10 Ω, VGE = ±15 V,
dv/dt = 4900 V/µs, TJ = 150 °C
266
ns
tf
Current fall time
251
ns
Eoff (2)
Turn-off switching
energy
7.7
mJ
tSC
Short-circuit withstand
time
VCC ≤ 600 V, VGE ≤ 15 V,
TJstart ≤ 150 °C
10
µs
RTHj-c
Thermal resistance
junction-to-case
Each IGBT
0.30
0.33
°C/W
RTHc-h
Thermal resistance
case-to-heatsink
Each IGBT, λgrease = 1 W/(m·°C)
0.60
°C/W
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
1.2
Diode
Limiting values at TJ = 25 °C, unless otherwise specified.
Table 3. Absolute maximum ratings of the diode
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
Vrms
IF
Continuous forward current (TC = 100 °C)
75
A
IFP (1)
Pulsed forward current (tp = 1 ms)
150
A
TJMAX
Maximum junction temperature
175
°C
TJop
Operating junction temperature range under switching conditions
-40 to 150
°C
1. Pulse width limited by maximum junction temperature.
A2P75S12M3
Diode
DS11655 - Rev 6
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com