Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2000
Description  Single-Chip Worldwide iDTV Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2000 Datasheet(HTML) 1 Page - STMicroelectronics

  STD2000 Datasheet HTML 1Page - STMicroelectronics STD2000 Datasheet HTML 2Page - STMicroelectronics STD2000 Datasheet HTML 3Page - STMicroelectronics STD2000 Datasheet HTML 4Page - STMicroelectronics STD2000 Datasheet HTML 5Page - STMicroelectronics STD2000 Datasheet HTML 6Page - STMicroelectronics STD2000 Datasheet HTML 7Page - STMicroelectronics STD2000 Datasheet HTML 8Page - STMicroelectronics STD2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATABRIEF
January 2006
1/11
Rev. 2
®
STD2000
Single-Chip Worldwide iDTV Processor
■ Dual-Channel High Definition Video
Processor
Up to 12-bit Video Processing
3D Digital Luma/Chroma Noise Reduction
3D Motion Adaptive Pixel-based Advanced
Deinterlacing with Diagonal Compensation
Contour Sensitive De-interlacing CSDi™
Flexible H/V Scaling Engine with Multi Window
management capabilities
Image Quality Improvement Engine for crystal
clear and crisp pictures
■ Dual Digital Chroma Decoder
(PAL/SECAM/NTSC) with 3D/2D Comb Filter
and Dual VBI Data Slicer
■ Powerful 32-bit RISC ST40 CPU (266 MHz,
480 MIPS)
■ Dual Transport Stream Demux with DES, DVB
and Multi2 Descrambler
■ Dual DVB-CI/one CableCARD™ interface
■ MP@ML Dual Channel or MP@HL Single
Channel MPEG-2 Video decoder
■ 24-bit audio DSP Core, MPEG-1 (Layers 1, 2 &
3), MPEG2, Dolby® Digital Decoder
■ Gamma 2D Graphics Engine for Middleware
graphics and On-Screen Display
■ Auxiliary Video/Graphics Sub-System for
Monitor output
■ Exhaustive set of peripherals for DTV
Chassis Control
■ DDR333 Unified Memory Interface (LMI)
■ Programmable External Memory Interface
(EMI)
■ CRT and Flat Panel Display Video Outputs
■ 27 MHz Crystal Oscillator
ID Video Display Pipeline (TNR, DEI, Scaling, IQI)
HD Video Display Pipeline (TNR, DEI, Scaling, IQI)
ST Bus On-Chip Interconnect
Dual
Transport
Demux
MPEG-2
MP@HL
MP@MLx2
Video
Dual C.I. / One CableCard™
Chassis
Control
TimeBase
Clock
Generator
266 MHz
480 MIPS
16K - I, 32K-D
ST40 CPU
Decoder
H/V SRC
NOR Flash
DDR SDRAM
SD/ID Analog
Video
MPEG-2
Audio & Video
SD/HD Digital
Video
Display
LCD
PDP
Peripherals
VCR
Dual DDEC
3D Comb
DLP
CRT
DVD
Digital
Encoder
Recorder
VBI DMA
Gamma
2D Graphics
Digital
Digital
MPEG 1&2
Dolby
Digital
Audio DSP
Decoder
MP3
Audio In
Audio Out
Graphics


Similar Part No. - STD2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Littelfuse
STD200 LITTELFUSE-STD200 Datasheet
128Kb / 2P
This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
logo
Sirectifier Semiconduct...
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Visual Communications C...
STD200BLK VCC-STD200BLK Datasheet
67Kb / 1P
STD
logo
List of Unclassifed Man...
STD200GK08 ETC2-STD200GK08 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Similar Description - STD2000

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65849BFP MITSUBISHI-M65849BFP Datasheet
84Kb / 15P
SINGLE CHIP SURROUND PROCESSOR
logo
Toshiba Semiconductor
TC9263AF TOSHIBA-TC9263AF Datasheet
649Kb / 16P
CD SINGLE-CHIP PROCESSOR
TC9283F TOSHIBA-TC9283F Datasheet
743Kb / 16P
CD SINGLE-CHIP PROCESSOR
logo
Micronas
VDP3108 MICRONAS-VDP3108 Datasheet
2Mb / 61P
Single-Chip Video Processor
logo
Mitsubishi Electric Sem...
M658489BFP MITSUBISHI-M658489BFP Datasheet
84Kb / 15P
SINGLE CHIP SURROUND PROCESSOR
logo
STMicroelectronics
STI1010 STMICROELECTRONICS-STI1010 Datasheet
134Kb / 5P
Single-chip worldwide iDTV processor
18-Dec-2007
logo
Renesas Technology Corp
M65851FP RENESAS-M65851FP Datasheet
294Kb / 28P
Single Chip Karaoke Processor
M65849BFP RENESAS-M65849BFP Datasheet
4Mb / 16P
SINGLE CHIP SURROUND PROCESSOR
M65849CFP RENESAS-M65849CFP Datasheet
298Kb / 23P
SINGLE CHIP SURROUND PROCESSOR
logo
STMicroelectronics
FLI7510 STMICROELECTRONICS-FLI7510 Datasheet
179Kb / 9P
Worldwide H.264/MPEG decoder Faroudja video processing iDTV SoC
08-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com