Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2000 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD2000
Description  Single-Chip Worldwide iDTV Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2000 Datasheet(HTML) 3 Page - STMicroelectronics

  STD2000 Datasheet HTML 1Page - STMicroelectronics STD2000 Datasheet HTML 2Page - STMicroelectronics STD2000 Datasheet HTML 3Page - STMicroelectronics STD2000 Datasheet HTML 4Page - STMicroelectronics STD2000 Datasheet HTML 5Page - STMicroelectronics STD2000 Datasheet HTML 6Page - STMicroelectronics STD2000 Datasheet HTML 7Page - STMicroelectronics STD2000 Datasheet HTML 8Page - STMicroelectronics STD2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STD2000
MPEG2 Digital Video Decoder
MPEG2 Video (ISO/IEC 13818-2, ATSC-A54)
MP@ML Dual-channel Decode or MP@HL
Single-channel Decode
Data Extraction (closed caption,...)
Digital Audio Decoder
24-bit audio DSP Core (with embedded
Software & Patch RAM)
MPEG1 (layers 1, 2 & 3), MPEG2, Dolby®
Digital / ATSC-A52
Lt/Rt Downmix for standard Stereo digital
outputs
Triple I²S channel outputs
One PCM/Stream or I²S Input (S/PDIF
external receiver or HDMI)
S/PDIF Digital Output (IEC60958 and
IEC61937)
Gamma 2D Graphic Processor
Full Screen or windowed Bitmap area
ARGB-4444 Graphics plane in mixed mode
2D-Graphics hardware accelerator
GFx/Video programmable alpha-blending
Background Color Plane
Horizontal and/or Vertical Scrolling, controlled
by software
Auxiliary Video/Graphics Processor
On-chip PAL/NTSC/SECAM Encoder for
monitor output
Encoding of Teletext, WSS, VPS or Closed
Caption
Graphics plane for optional Subtitle support
Macrovision Copy Protection (Factory Disable
option)
DTV Chassis Control
Two UARTs
One Smartcard interface
Two I²C (2 channels each)
Four-channel PWM with input capture and
compare
Real-time Clock and WatchDog timer
Infrared Receiver/Transmitter
10-bit, 8-channel low-speed A/D Converter
8 external interrupt channels with Interrupt
Level Controller
More than 56 General Purpose IOs
Low-power mode and wake-up controller
Interfaces
■ Local Memory Interface (LMI)
64-bit, dual-port DDR memory interface
16- and 32-bit DDR-SDRAM device support
Up to 166 MHz support
Support devices of up to 512 Mbits
■ Programmable External Memory Interface
(EMI)
16-bit/8-bit External Memory Interface for
supporting Flash and optional peripherals
Support NOR Flash devices of up to 256
Mbits
6 separately configurable banks
Support for external memory-mapped ICs or
sub-systems
■ FDP and CRT Video Outputs
RGB 3x10-bit digital output to flat panel or
DMD
RGB or YUV analog outputs for CRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com