Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2000 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD2000
Description  Single-Chip Worldwide iDTV Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2000 Datasheet(HTML) 2 Page - STMicroelectronics

  STD2000 Datasheet HTML 1Page - STMicroelectronics STD2000 Datasheet HTML 2Page - STMicroelectronics STD2000 Datasheet HTML 3Page - STMicroelectronics STD2000 Datasheet HTML 4Page - STMicroelectronics STD2000 Datasheet HTML 5Page - STMicroelectronics STD2000 Datasheet HTML 6Page - STMicroelectronics STD2000 Datasheet HTML 7Page - STMicroelectronics STD2000 Datasheet HTML 8Page - STMicroelectronics STD2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STD2000
2/11
Dual Channel Video Input Processor
■ Analog Video Inputs
CVBS, Y/C, 1H/2H/2.14H YPrPb, 1H/2H RGB
analog inputs
■ Digital Video Inputs
D1/HD Digital video input (CCIR 601-656 /
SMPTE 274M, SMPTE 296M, SMPTE 260M)
YCL Digital video input (proprietary port;
YCrCb-4:2:2, 2H for off-chip Motion-
compensated Video Processing)
RGB to YCrCb 4:2:2 conversion
■ Analog Video Pre-Processing
Dual Digital Chroma Decoder
(PAL/NTSC/SECAM)
3D Comb Filter support on one channel,
adaptative 4H/2D comb filter on second
channel
Dual VBI data slicer for Teletext, CC, WSS
and other systems
3:2/2:2 Pulldown, Video/Movie and Scene
Change Detection
3D Digital Luma and Chroma Motion Adaptive
Noise Reduction
Automatic Letterbox Detection
Dual Channel High Definition Video
Processor
■ Image Processing
24, 25, 30, 50, 60 to 50, 60, 75, 100, 120 Hz
Field up-rate conversion
3D Motion-adaptive pixel-based advanced
deinterlacing with diagonal compensation
(CSDi™: Contour Sensitive Desinterlacer)
■ Image Quality Improvements
LTI and CTI
Contrast Enhancer: Black-White Stretch
Blue Stretch
Green Boost, Auto-Flesh and Tint Control
Peaking: Adaptive Peaking and Coring
■ Video Scaling & Composition
Horizontal/Vertical Format Conversion
Support of 4:3 and 16:9 display aspect ratios
Zoom In or Zoom out (X and Y independent
linear factors from x0.25 to x4)
Panoramic mode
H or V crop and independent rescaling
Compositor supporting Monochrome and
Graphics planes
Video two-channel HD processing for:
PIP/POP, Picture And Picture (Perfect PAP),
Picture In Graphic (PIG)
■ Video Output Control
Color Space Translator
(conversion to YCrCb 4:4:4 or RGB coding)
Gamma Correction with programmable any-
curve correction
Perfect Color Engine (spatio-temporal
dithering down to 4-to-8 bits)
RGB 3x10-bit Digital output to flat panel or
DMD
RGB or YUV analog outputs
Color warping for color gammut correction
CPU Sub-System
32-bit RISC ST40 CPU (266 MHz, 480MIPs)
16 Kbytes I-Cache and 32 Kbytes D-Cache
RAM
Floating Point Unit (FPU)
Memory Management Unit (MMU)
■ On-Chip Memory (64 Kbytes SRAM)
■ Services
Test Access Port and its link (JTAG based)
Diagnostic Controller Unit (for low intrusion,
real-time debugging)
Advanced User Debug support
System Bus Analyzer (SBAG)
Dual Transport Stream Processor
Dual Transport Stream Demux
DES, DVB and Multi2 descramblers
Dual Transport processing: DVB or ATSC
(ISO/IEC 13818-x and A53)
DVB-CI interface (Dual Slot support)
CableCARD™ interface (Single Slot support)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com