Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F3283P/044PR Datasheet(PDF) 9 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/044PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/044PR Datasheet(HTML) 9 Page - SINOWEALTH Electronic Ltd

Back Button SH79F3283P/044PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 13Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
SH79F3283
9
(continue)
Interrupt & Reset & Clock & Power
INT0 - INT3
I
External interrupt 0-3 input source
INT40 - INT47
I
External interrupt 40-47 input source
RST
————
I
The device will be reset by a low voltage on this pin longer than 10us, an internal
resistor about 30
kΩ to VDD, So using only an external capacitor to GND can cause a
power-on reset.
XTAL1
I
Oscillator input
XTAL2
O
Oscillator output
XTALX1
I
Oscillator X input
XTALX2
O
Oscillator X output
VSS
P
Ground
VDD
P
Power supply (2.0 - 5.5V)
Buzzer
BUZ
O
Buzzer output pin
Programmer
TDO (P1.0)
O
Debug interface: Test data out
TMS (P1.1)
I
Debug interface: Test mode select
TDI (P1.2)
I
Debug interface: Test data in
TCK (P1.3)
I
Debug interface: Test clock in
SWE (P1.0)
I/O
Single simulation interface. If the power on or down slope of VDD is greater than
500ms/V, it is recommended to connect 47k-1m resistor to GND or VDD to increase
the stability of the chip
Note: When P1.0-1.3 used as debug interface, functions of P1.0-1.3 are blocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com