Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWFE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWFE Datasheet HTML 1Page - Panasonic Semiconductor ECWFE Datasheet HTML 2Page - Panasonic Semiconductor ECWFE Datasheet HTML 3Page - Panasonic Semiconductor ECWFE Datasheet HTML 4Page - Panasonic Semiconductor ECWFE Datasheet HTML 5Page - Panasonic Semiconductor ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ECWFE series
■ Rated voltage [DC] : 450 V, Capacitance tolerance : ±5 %(J), ± 10 %(K)
*□:Capacitance tolerance code
Note
)Part number marked with bold is special lead space product.
*( ):Suffix for lead crimped
The capacitance of 0.10 μF, 0.15 μF, 0.22 μF, 0.33 μF, 3.3 μF, 4.7 μF are "5" or "D"
The capacitance of 0.47 μF is "1" or "A”
The capacitance of 1.5 μF, 2.2 μF are "8" or "L”
25.5
27.5
0.8
0±0.8
1.75
500
300
200
200
300
200
150
100
1.75
ECWFE2W335P( )
ECWFE2W335Q( )
600
0.6
1.25
0±0.8
Cap.
(μF)
Marking
example
600
300
200
200
Min. order Q'ty
(PCS)
31.0
ECWFE2W335
□( )
3.3
26.0
10.0
17.0
22.5
0.8
3.3
2.2
17.5
Part No.
0.6
15.0
10.5
Dimensions (mm)
31.0
11.0
21.0
27.5
0±0.8
1.75
Q
1.8
9.0
19.0
27.5
0.8
0±0.8
1.75
ECWFE2W475
□( )
4.7
26.0
12.0
19.0
22.5
0.8
0±0.8
1.8
13.0
400
1000
23.0
27.5
0.8
0±0.8
P
ød
F
H
T
Should a safety concern arise regarding this product, please be sure to contact us immediately.
4.7
31.0
15.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
ECWFE2W475Q( )
ECWFE2W225
□( )
2.2
17.5
10.0
15.5
15.0
0.8
0±0.8
1.3
0±0.8
31-May-19
ECWFE2W225P( )
ECWFE2W155P( )
15.0
0.6
5.0
5.0
5.0
0±0.8
0±0.8
0.22
0.33
10.0
10.0
0.22
0.6
10.5
12.0
12.0
0±0.8
0.6
10.0
10.0
10.5
13.0
ECWFE2W155Q( )
L
1.25
ECWFE2W225Q( )
0.10
0.15
17.5
17.5
13.0
10.0
13.0
13.0
6.0
7.0
7.0
17.5
5.0
17.5
0.68
ECWFE2W104
□( )
6.0
6.0
15.0
1000
ECWFE2W475P( )
ECWFE2W104P( )
ECWFE2W104Q( )
ECWFE2W154
□( )
0±0.8
0±0.8
0.6
0.6
10.5
10.5
ECWFE2W154P( )
ECWFE2W154Q( )
ECWFE2W224
□( )
ECWFE2W224P( )
ECWFE2W224Q( )
ECWFE2W334
□( )
1.5
31.0
13.0
17.5
5.0
0.8
0±0.8
0.8
12.5
15.5
15.0
11.5
12.5
0.8
0.8
15.0
0.8
0.6
15.0
15.0
10.0
7.0
0.47
12.5
1.25
1.3
1.3
1.5
1.0
1.5
ECWFE2W334P( )
ECWFE2W155
□( )
0±0.8
0±0.8
0.47
ECWFE2W105
□( )
0±0.8
0±0.8
0±0.8
0±0.8
0.6
0.33
17.5
5.0
10.5
15.0
Dimensions
Rating · Dimensions · Quantity
1000
Cut lead
Straight
1.5
1.5
1.5
1.25
0.15
17.5
0.10
ECWFE2W334Q( )
ECWFE2W474P( )
ECWFE2W474Q( )
ECWFE2W474
□( )
ECWFE2W684
□( )
1.3
1.3
1.5
L
±0.5
T
±0.5
F
±0.4
ød
±0.05
Cut lead
(Suffix A,D,L
)
Q +1.4
-0.6
P(Lead location limits from center)
Unit:
mm
Tin-plated copper-clad steel wire
WFE2W
105J
Marking
Date code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com