Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWFE Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWFE Datasheet HTML 1Page - Panasonic Semiconductor ECWFE Datasheet HTML 2Page - Panasonic Semiconductor ECWFE Datasheet HTML 3Page - Panasonic Semiconductor ECWFE Datasheet HTML 4Page - Panasonic Semiconductor ECWFE Datasheet HTML 5Page - Panasonic Semiconductor ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Non-inductive construction using metallized polypropylene
film with flame retardant plastic case.
● Small size
● Excellent frequency characteristics
● Low loss
● Flame retardant plastic case and non-combustible resin
● Low hum sound noise
● RoHS compliant
● Active filter circuit
● High frequency circuit
■ Standard
■ Special lead space product
✽ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
R.voltage [DC]
450 V
630 V
Cap. Tol.
2J
2W
±10
%
±5
%
Q
P
Code
Code
630 V
0.1 μF to 2.2 μF
0.1 μF to 4.7 μF
K
±5
%
±10
%
2J
2W
450 V
630 V
J
Code
R.voltage [DC]
Plastic Film Capacitors
Metallized Polypropylene Film Capacitor
ECWFE series
Features
Recommended applications
Explanation of part number
Code
Cap. Tol.
Lead form
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
(20
℃, 100 V, 60 s)
(20
℃, 500 V, 60 s)
 C > 0.33 μF:IR ≧ 3,000 MΩ・μF
(Including temperature-rise on unit surface)
Rated voltage [DC]
Insulation resistance (IR)
Withstand voltage
Dissipation factor (tan δ)
Capacitance tolerance
Capacitance range
630 V
450 V
630 V
450 V
450 V
Straight
Cut lead
Code
Blank
A
Should a safety concern arise regarding this product, please be sure to contact us immediately.
31-May-19
Code
Lead form
1,
5,8
Straight
A,D,L
Cut lead
 C ≦ 0.33 μF:IR ≧ 9,000 MΩ
 C > 0.33 μF:IR ≧ 10,000 MΩ・μF
 C ≦ 0.33 μF:IR ≧ 30,000 MΩ
Category temp. range
Specifications
Between terminals : Rated voltage (V)×150 % 60 s
tan δ
≦ 0.1 % (20 ℃, 1 kHz)
±5% (J), ±10 % (K)
−40 ℃ to +105 ℃
(Derating of rated voltage by 1.0%/
℃ at more than 85 ℃)
400 Vp-p, and zero to peak voltage should be less than 630 Vo-p.
Peak to peak voltage applied on the capacitor should be less than
(Derating of rated voltage by 1.25 %/
℃ at more than 85 ℃)
240 Vp-p, and zero to peak voltage should be less than 450 Vo-p.
Peak to peak voltage applied on the capacitor should be less than
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W F
E
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W
F
E
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap. Tol.
Suffix
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap. Tol.
Suffix


Similar Part No. - ECWFE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWFE PANASONIC-ECWFE Datasheet
3Mb / 18P
Plastic Film Capacitors
23-Apr-25
ECWFE2J104J PANASONIC-ECWFE2J104J Datasheet
3Mb / 18P
Plastic Film Capacitors
23-Apr-25
ECWFE2J104K PANASONIC-ECWFE2J104K Datasheet
3Mb / 18P
Plastic Film Capacitors
23-Apr-25
ECWFE2J104KA PANASONIC-ECWFE2J104KA Datasheet
3Mb / 18P
Plastic Film Capacitors
23-Apr-25
ECWFE2J104P PANASONIC-ECWFE2J104P Datasheet
3Mb / 18P
Plastic Film Capacitors
23-Apr-25
More results

Similar Description - ECWFE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
Metallized Polypropylene Film Capacitor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R46KI2220P0 KEMET-R46KI2220P0 Datasheet
248Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITOR
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
METALLIZED POLYPROPYLENE FILM CAPACITOR
logo
Vishay Siliconix
MKP386MSNUBBER VISHAY-MKP386MSNUBBER Datasheet
253Kb / 18P
Metallized Polypropylene Film Capacitor
11-Jun-15
logo
Kemet Corporation
C4BSNBX4200ZALJ KEMET-C4BSNBX4200ZALJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3680ZBFJ KEMET-C4BSPBX3680ZBFJ Datasheet
113Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4150ZBLJ KEMET-C4BSPBX4150ZBLJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSWBX3220ZAFJ KEMET-C4BSWBX3220ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com