Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWFE Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor ECWFE Datasheet HTML 10Page - Panasonic Semiconductor ECWFE Datasheet HTML 11Page - Panasonic Semiconductor ECWFE Datasheet HTML 12Page - Panasonic Semiconductor ECWFE Datasheet HTML 13Page - Panasonic Semiconductor ECWFE Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Plastic Film Capacitors
The film capacitor varies significantly in the effect of washing depending on the structure and material, and generally it is less
affected by CFC or alcohol derivative washing solvent, and is likely to be affected by highly polar solvent.
The lead type film capacitor is coated with an epoxy resin excellent in chemical resistance, and is hardly affected by detergent,
but it is recommended to be washed for short duration.
Applicability of detergents in film capacitors is listed for reference.
<List of applicability of detergents>
<
Wash-free flux>
○ 
Washing enabled   × Washing disabled   ― Not confirmed
Wash-
free
Low residue flux
Inactivated flux
AM-173
ULF-500VS
〇
〇
〇
〇
〇
〇
〇
〇
〇
〇
〇
―
〇
ECQUL
ECQUG
30-Sep-19
Petroleum
hydrocarbon
Ultrasonic washing or immersion washing for 5 min
Isopropyl alcohol (IPA)
〇
〇
Ultrasonic washing or immersion washing for 5 min
〇
⇒
FRW-1NUltrasonic washing for 5 min, 60 ℃
⇒
FRW-100Steam drying for 1 min, 100 ℃
Halogen
HCFC141b-MS
Ultrasonic washing for 5 min, 60 ℃ ⇒ purified water ultrasonic washing for 5 min, 60 ℃
2. Washing the mounted boards
Box type
ECWFE
ECWFG
ECQUA
Clean through LC-841
P3 Cold cleaner 225S
Ultrasonic washing or immersion washing for 5 min
⇒
hot air drying for 5 min, 80℃
⇒
hot air drying for 5 min, 85 ℃
Clean through 710M
Ultrasonic washing for 5 min, 60 ℃ ⇒ purified water ultrasonic washing for 5 min, 60 ℃
⇒
hot air drying for 5 min, 85 ℃
Washing condition
Lead
type
Alcohol
Ethanol
〇
〇
〇
〇
Ultrasonic washing or immersion washing for 5 min
Silicon
FRW-17 Ultrasonic washing for 5 min, 60 ℃
〇
Ultrasonic washing for 5 min 60 ℃ ⇒ IPA ultrasonic rinsing for 5 min at ordinary temperature
⇒
hot air drying for 5 min, 40 ℃
Toluene
〇
〇
〇
〇
〇
〇
Terpene Cleaner EC-7
Spray washing for 5 min at ordinary temperature ⇒ purified water spraying for 5 min, 50℃
Terpene
〇
Ultrasonic washing for 5 min 60 ℃ ⇒ wind-free dryingfor 5 min, 85 ℃
―
〇
Clean through 750H
Ultrasonic washing for 5 min, 60 ℃ ⇒ purified water ultrasonic washing for 5 min, 60 ℃
〇
〇
Purified water
Surface active agent
Clean through 750L
Ultrasonic washing for 5 min, 60 ℃ ⇒ purified water ultrasonic washing for 5 min, 60 ℃
⇒
hot air drying for 5 min, 85 ℃
⇒
hot air drying for 5 min, 85 ℃
⇒
hot air drying for 5 min, 85 ℃
Pine alpha ST-100S
Aqua cleaner 210SET
Shower washing for 1 min, 60 ℃ ⇒ purified water ultrasonic washing for 5 min, 60 ℃
⇒
hot air drying for 5 min, 85 ℃
Ultrasonic washing for 5 min, 60 ℃ ⇒ purified water ultrasonic washing for 5 min, 60 ℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com