Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP23ABS1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # MP23ABS1
Description  High-performance MEMS audio sensor: single-ended analog bottom-port microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23ABS1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MP23ABS1 Datasheet HTML 5Page - STMicroelectronics MP23ABS1 Datasheet HTML 6Page - STMicroelectronics MP23ABS1 Datasheet HTML 7Page - STMicroelectronics MP23ABS1 Datasheet HTML 8Page - STMicroelectronics MP23ABS1 Datasheet HTML 9Page - STMicroelectronics MP23ABS1 Datasheet HTML 10Page - STMicroelectronics MP23ABS1 Datasheet HTML 11Page - STMicroelectronics MP23ABS1 Datasheet HTML 12Page - STMicroelectronics MP23ABS1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID031167 Rev 6
9/15
MP23ABS1
Reliability tests
15
6
Reliability tests
The device passed all reliability tests on three different assembly lots under the following conditions
given in the table below.
Table 7. Reliability specifications
Test name
Description
Conditions
Electrostatic Discharge
Immunity Test
(ESD)
To classify ESD susceptibility
the device is submitted to a high
voltage peak on all his pins,
simulating ESD stress according
to different simulation models
(GUN, HBM, MM, CDM)
ESD-GUN: 25 discharges at ±8 kV, direct contact
to housing of MIC
Reference specification IEC 61000-4-2
ESD-HBM 3 discharges up to ±2 kV pin-to-pin
Reference specification ANSI/ESDA/JEDEC JS001
ESD-MM, 3 discharges up to ±200 V pin-to-pin
Reference specification JEDEC JESD22-A115C
ESD-CDM, 3 discharges up to ±750 V
Reference specification ANSI/ESDA/JEDEC JS002
Latch-Up
(LU)
To verify latch-up immunity the
device is submitted to a current
injection on I/O or supply
overvoltage
±100 mA & 1.5 x Vdd @ 85 °C
Reference specification JEDEC JESD78
High Temperature
Operative Life
(HTOL)
To simulate the worst-case
application stress conditions, the
device is stressed in dynamic
configuration at operative max.
absolute ratings
Ta 125 °C, Tj 125 °C, 1000 Hrs, @ Max Op Voltage
Preconditioning (PC) before
Reference specification JESD22-A108
Temperature Humidity
Bias
(THB)
To investigate failure
mechanisms activated by
electrical field and humidity, the
device is biased in static or
dynamic operative conditions at
controlled high temperature and
relative humidity
Ta 85°C, R.H. 85%, 1000 Hrs, @ Max Op Voltage
Preconditioning (PC) before
Reference specification JESD22-A101
Preconditioning MSL3
(PC)
To investigate effects of
customer manufacturing
soldering enhanced by package
water absorption, the device is
submitted to typical temperature
profile after controlled moisture
absorption
MSL3 as moisture soak conditions followed by n.3
reflow @ Tpeak 260 °C
Reference specification JEDEC J-STD-020
Low Temperature Storage
(LTS)
To investigate the failure
mechanisms activated by
extremely cold conditions, the
device is stored in unbiased
condition at the min.
temperature allowed by the
package materials
Ta = -40 °C, 1000 Hrs
Reference specification JESD22-A120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com